Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1609 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SD1609
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1609 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SD1609 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1609 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1609 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1609 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1609 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1609 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3.1
φ
+0.15
–0.1
8.0
± 0.5
1.1
0.8
2.29
± 0.5
2.29
± 0.5
0.55
1.2
2.7
± 0.4
120
°
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TO-126 Mod
—
—
0.67 g
Unit: mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com