Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT124 Datasheet(PDF) 3 Page - Coto Technology

Part # CT124
Description  Load Voltage: 40V Maximum
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT124 Datasheet(HTML) 3 Page - Coto Technology

  CT124 Datasheet HTML 1Page - Coto Technology CT124 Datasheet HTML 2Page - Coto Technology CT124 Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
92 | page
tel: (401) 943.2686
|
fax: (401) 942.0920
C)
0
1
2
3
4
5
1
2
3
4
5
-40-20
0204060
100
80
-40-20
0204060
0
0.1
0.2
0.3
0.4
0.5
-40-20
0204060
100
80
0
0.1
0.2
0.3
0.4
0.5
-40-20
0204060
100
80
0
Voltage,V
100
85
On resistance Vs.
Ambient temperature
Turn on time Vs.
Ambient temperature
Ambient temperature, ºC
Ambient temperature, ºC
Ambient temperature, ºC
Ambient temperature, ºC
Ambient temperature, ºC
Turn off time Vs.
Ambient temperature
LED operate current Vs.
Ambient temperature
LED Turn off current Vs.
Ambient temperature
LED forward voltage Vs.
Ambient temperature
Voltage Vs. current characteristics
of output at MOS portion
Off state leakage current Vs.
Load voltage characteristics
Ambient temperature, ºC
Load voltage (V)
LED foward current Vs.
turn on time characteristics
Applied voltage Vs.
output capacitance characteristics
LED foward current Vs.
turn off time characteristics
Applied voltage (V)
LED foward current (mA)
LED foward current (mA)
-40-20
020406080
100
0
2
4
5
6
Ambient temperature, ºC
Load current Vs.
Ambient temperature
3
1
0
1
2
3
4
5
-40-20
0204060
100
80
1
1.1
1.2
1.3
4
2
1
-1
-2
-3
-4
-0.2
-0.4
-0.6
0.6
0.4
0.2
0
3
1.4
1.5
-40-20
0204060
100
80
020406080
100
1
10
-12
10
-10
10
-8
10
-6
10
-4
01020304050
0
1
2
3
4
5
01020304050
0
0.1
0.2
0.3
0.4
0.5
0102030405060
0
200
400
600
800
1000
TECHNICAL & APPLICATIONS INFORMATION
CT124/CS124 GRAPHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com