Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIE812DF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIE812DF
Description  N-Channel 40-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE812DF Datasheet(HTML) 3 Page - Vishay Siliconix

  SIE812DF Datasheet HTML 1Page - Vishay Siliconix SIE812DF Datasheet HTML 2Page - Vishay Siliconix SIE812DF Datasheet HTML 3Page - Vishay Siliconix SIE812DF Datasheet HTML 4Page - Vishay Siliconix SIE812DF Datasheet HTML 5Page - Vishay Siliconix SIE812DF Datasheet HTML 6Page - Vishay Siliconix SIE812DF Datasheet HTML 7Page - Vishay Siliconix SIE812DF Datasheet HTML 8Page - Vishay Siliconix SIE812DF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 74337
S09-1337-Rev. B, 13-Jul-09
www.vishay.com
3
Vishay Siliconix
SiE812DF
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
VGS = 10 V thru 6 V
3 V
VDS - Drain-to-Source Voltage (V)
4 V
5 V
0.0020
0.0022
0.0024
0.0026
0.0028
0.0030
0
20406080
100
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
2
4
6
8
10
0
20406080
100
120
ID = 25 A
Qg - Total Gate Charge (nC)
VDS = 32 V
VDS = 20 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
4
8
12
16
20
012
3
4
TC = 125 °C
25 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
2000
4000
6000
8000
10 000
0
5
10
15
20
25
30
35
40
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V, 4.5 V
ID = 25 A
TJ - Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com