Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28EB742ALC Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28EB742ALC
Description  EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB742ALC Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28EB742ALC Datasheet HTML 1Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 2Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 3Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 4Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 5Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 6Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 7Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 8Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
SL28EB742
2
Rev. 1.0
Description
The SL28EB742 is a high-performance clock generator supporting Intel Cedarview platforms. The SL28EB742 is rated to
support extended grade temperature. Utilizing an inexpensive 14.318 MHz crystal, it is capable of supporting multiple
frequencies from four PLLs. The CPU clock can support a frequency range from 83.33 to 166 MHz by configuration of two strap
pins. With a combination of strap pins and an I2C interface, the device allows maximum configurability.
EProClock® is the world’s first non-volatile programmable clock. The EProClock® technology allows board designer to promptly
achieve optimum compliance and clock signal integrity; historically, attainable typically through device and/or board redesigns.
EProClock® technology can be configured through SMBus or hard coded.
Functional Block Diagram
Crystal/
CLKIN
PLL 1
(SSC)
OTP
Logic Core
VR
PLL 4
(non-SSC)
PLL 3
(non-SSC)
Divider
Divider
Divider
SCLK
SDATA
REF [1:0]
CPU
PCI
CLKPWRGD/
PD#
CPU_STP#
FS [ C:A]
XIN
XOUT
48M
PLL 2
(non-SSC)
Divider
SRC
SATA / SRC0
DOT96
12 / 48M
25M
PCI/SRC_STP#
CLKREQ[3:1]
ITP_EN
SEL_SATA
SEL_12_48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com