Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SH21 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SH21
Description  Silicon N-Channel IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SH21 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SH21 Datasheet HTML 1Page - Hitachi Semiconductor 2SH21 Datasheet HTML 2Page - Hitachi Semiconductor 2SH21 Datasheet HTML 3Page - Hitachi Semiconductor 2SH21 Datasheet HTML 4Page - Hitachi Semiconductor 2SH21 Datasheet HTML 5Page - Hitachi Semiconductor 2SH21 Datasheet HTML 6Page - Hitachi Semiconductor 2SH21 Datasheet HTML 7Page - Hitachi Semiconductor 2SH21 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
500
400
300
200
100
0
40
80
120
160
200
Gate Charge
Qg (nc)
20
16
12
8
4
0
V
= 400 V
300 V
200 V
CC
V
= 400 V
300 V
200 V
CC
VCE
VGE
I
= 50 A
C
Dynamic Input Chracteristics
1000
100
200
500
50
20
2000
5
10
50
100
500
C
Ω
L
GE
I = 50 A
R =6
(V
= 300 V)
V
= ±15 V
Tc = 25 °C
CC
td(on)
tr
td(off)
tf
Gate Resistance
Rg ( )
Ω
Switching Characteristics
1000
500
200
100
50
5000
2000
–25
0
25
50
75
100
125
td(off)
td(on)
tr
tf
C
L
GE
Ω
Ω
I
= 50 A, R
= 6
V
= ±15 V, Rg = 50
Case Temperature
Tc (°C)
Switching Characteristics
1000
100
200
500
50
20
2000
100
1
5
10
50
V
= 300 V
V
= ±15 V
Rg = 50
Tc = 25 °C
CC
GE
Ω
td(on)
tr
td(off)
tf
Collector Current
I
(A)
C
Switching Characteristics
5
2SH21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com