Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6561 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6561
Description  POWER FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6561 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6561 Datasheet HTML 4Page - STMicroelectronics L6561 Datasheet HTML 5Page - STMicroelectronics L6561 Datasheet HTML 6Page - STMicroelectronics L6561 Datasheet HTML 7Page - STMicroelectronics L6561 Datasheet HTML 8Page - STMicroelectronics L6561 Datasheet HTML 9Page - STMicroelectronics L6561 Datasheet HTML 10Page - STMicroelectronics L6561 Datasheet HTML 11Page - STMicroelectronics L6561 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
L6561
8/13
Figure 11. OVP Current Threshold vs.
Temperature
Figure 12. Undervoltage Lockout Threshold
vs. Temperature
Figure 13. Supply Current vs. Supply
Voltage
Figure 14. Voltage Feedback Input Threshold
vs. Temperature
-50
-25
0
25
50
75
100 125 T (˚C)
38
39
40
41
IOVP
(
µA)
D94IN047A
-25
0
25
50
75
100
125
T (˚C)
9
10
11
12
13
VCC-ON
(V)
VCC-OFF
(V)
D94IN044A
D97IN548A
0
5
10
15
20
VCC(V)
0
0.005
0.01
0.05
0.1
0.5
1
5
10
ICC
(mA)
CL = 1nF
f = 70KHz
TA = 25˚C
-50
0
50
100
2.46
2.48
2.50
T (˚C)
VREF
(V)
D94IN048A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com