Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q461 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q461 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ML610Q461 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
FEDL610Q461-01
ML610Q461/ML610Q462/ML610Q463
• Power management
− HALT mode: Instruction execution by CPU is suspended (peripheral circuits are in operating states).
− STOP mode: Stop of low-speed oscillation and high-speed oscillation (Operations of CPU and peripheral circuits are
stopped.)
− High-speed Clock gear: The frequency of high-speed system clock can be changed by software (1/1, 1/2, 1/4, 1/8 of the
oscillation clock)
− Block Control Function: Resets and completely turns circuits of unused peripherals off.
• Shipment
− Chip
ML610Q461-xxxWA
ML610Q462-xxxWA
ML610Q463-xxxWA
ML610Q461P-xxxWA
ML610Q462P-xxxWA
ML610Q463P-xxxWA
− 64-pin plastic TQFP
ML610Q461-xxxTBZ0AAL
ML610Q462-xxxTBZ0AAL
ML610Q463-xxxTBZ0AAL
ML610Q461P-xxxTB0AAL
ML610Q462P-xxxTB0AAL
ML610Q463P-xxxTB0AAL
ML610Q461-xxxTBZWAAL
ML610Q462-xxxTBZWAAL
ML610Q463-xxxTBZWAAL
ML610Q461P-xxxTBWAAL
ML610Q462P-xxxTBWAAL
ML610Q463P-xxxTBWAAL
xxx: ROM code number (xxx is NNN for blank product)
Q: MTP version
P: Wide range temperature version
WA: Chip
TBZ0AAL: TQFP (Au wire bonding),
TB0AAL: TQFP (Au wire bonding) (P version),
TBZWAAL: TQFP (Cu wire bonding).,
TBWAAL: TQFP (Cu wire bonding) (P version)
• Guaranteed operating range
− Operating temperature: −20°C to +70°C (P version: −40°C to +85°C)
− Operating voltage: V
DD = 1.25V to 3.6V
3/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com