Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344E Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ML7344E
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344E Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ML7344E Datasheet HTML 35Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 36Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 37Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 38Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 39Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 40Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 41Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 42Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
39/151
●CRC function
ML7344 has CRC32,CRC16 and CRC8 function. CRC is calculated and appended to TX data. CRC is
checked for RX data. The following modes are used for automatic CRC function.
●FIFO mode:
RXDIO_CTRL ([DIO_SET: B0 0x0C(7-6)]) = 0b00
●DIO mode:
RXDIO_CTRL ([DIO_SET: B0 0x0C(7-6)]) = 0b11
Function
Control bit name / Register
TX CRC setting
TX_CRC_EN([PKT_CTRL2: B0 0x05(2)])
RX CRC setting
RX_CRC_EN([PKT_CTRL2: B0 0x05(3)])
CRC length setting
CRC_LEN([PKT_CTRL2: B0 0x05(5-4)])
CRC complement value OFF setting
CRC_COMP_OFF([PKT_CTRL2: B0 0x05(6)])
CRC polynomial setting
[CRC_POLY3/2/1/0: B1 0x16/17/18/19] registers
CRC error status
[CRC_ERR_H/M/L: B0 0x13/14/15] registers
Any CRC polynomials for CRC32/CRC16/CRC8 can be specified. Reset value is as follows:
CRC16 polynomial = x16 + x13 + x12 + x11 + x10 + x8 + x6 + x5 + x2 + 1 (reset value)
NOTE: CRC result data can be inverted by CRC complement value OFF setting,
CRC data will be generated by the following circuits. By programming [CRC_POLY3/2/1/0] registers, any
CRC polynomials can be supported. Generated CRC will be transfer from the most left bit (S15). If data length
is shorter than CRC length (3 bytes of CRC32 only), data “0”s will be added for CRC calculation. CRC check
result is stored in [CRC_ERR_H/M/L] registers.
Unlike Format C, Format A/B can include multiple CRC fields in one packet. For multiple CRCs check results,
CRC value closest to L-field will be stored in CRC_ERR[0] ([CRC_ERR_L:B0 0x15(0)]). Subsequent bit will
be stored in CRC_ERR from MSB order.
NOTE:
exclusive OR
Fig.4 CRC16 polynomial circuits
General CRC polynomial can be programmed by below [CRC_POLY3/2/1/0] register setting.
CRC length can be set by CRC_LEN.
[CRC_POLY3/2/1/0]
CRC polynomial
(B1 0x16)
(B1 0x17)
(B1 0x18)
(B1 0x19)
CRC8
x
8 + x2 + x + 1
0x00
0x00
0x00
0x03
x
16 + x12 + x5 + 1
0x00
0x00
0x08
0x10
x
16 + x15 + x2 + 1
0x00
0x00
0x40
0x02
CRC16
x
16 + x13 + x12 + x11 + x10 + x8 + x6 + x5 + x2 + 1
0x00
0x00
0x1E
0xB2
CRC32
x
32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7
+ x
5 + x4 + x2 + x + 1
0x02
0x60
0x8E
0xDB
S0
S1
S2
S14
S15
CRC_POLY
[14]
CRC_POLY
[0]
CRC_POLY
[1]
CRC_POLY
[13]
Input
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com