Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344J Datasheet(PDF) 123 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 123 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 119Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 120Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 121Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 122Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 123Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 124Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 125Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 126Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 127Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
123/151
(7) High speed carrier checking mode
This mode is used for deciding whether continuing RX state or stoping RX state during RX state, based on
RSSI level and SyncWord detection time. The value set in the [CCA_LVL:B0 0x37] register is used for RSSI
level decision, continuous operation timer is used for SyncWord detection time decision. After decision,
operation will automaticall switch to – either SLEEP state or RX state.
START
FAST_DET_MODE_EN setting
CCA_EN setting
[CCA_CTRL:B0 0x39(4-3)]
Carrier detected?
(Automatic)
Keep RX state
Yes: BUSY detection
No: IDLE detection
SyncWord detection?
Receive RX data
Yes
No *2
SLEEP command
(Automatic)
SLEEP state
END
CCA threshold setting
[CCA_LVL:B0 0x37]
Continuous operation timer setting
[WUT_CLK_SET:B0 0x2E]
[WUT_DURATION:B0 0x31]
RX_ON issue *1
[RF_STATUS: B0 0x0B]
*1 CCA start
*2: Expiring the continuous
operation timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com