Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344J Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 48Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 49Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 50Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 51Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 52Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 53Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 54Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 55Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
52/151
ii) Data output mode 1 (to host)
Set RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)]) =0b10.
After SyncWord detection, RX data is buffered in RX_FIFO. RX data buffering will continue until RX sync
signal (SYNC) becomes ”L”. By setting DIO_START ([DIO_SET: B0 0x0C(0)])=0b1, top data of buffered
data will be output through DIO interface (DIO/DCLK). (RX data is output at falling edge of DCLK).
However, if DIO_START setting is done after 64 byte timing, the top byte will be over written. If all buffered
data is output until SYNC becomes ”L”, RX completion interrupt (INT[8] group 2) will be generated. After
RX completion, ready to receive next packet.
NOTE:
1.
RX data buffering in RX_FIFO is accessed byte by byte. DIO_START should be issued after 1 byte
access cycle upon SyncWord detection.
2.
This mode does not process L-field. Field checking function is not supported.
DIO(GPIO0-3,EXT_CLK)
RX_ON
RX_ON
command
RX data
DCLK(GPIO0-3,EXT_CLK)
TRX_OFF
command
Buffering to RX_FIFO
RX sync signal
Preamble
SyncWord
Data-field
DIO_START =0b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com