Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9271 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML9271
Description  48-Bit Grid/Anode VFD Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9271 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML9271 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FEDL9271-01
LAPIS Semiconductor
ML9271
8/16
AC Characteristics
(VDD = 5.0 V10% or VDD = 3.3 V10%, VDISP = 8 to 18 V, Ta = –40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CLK Pulse Width
tWCLK
—
100
—
—
ns
Data Setup Time
tDS
—
50
—
—
ns
Data Hold Time
tDH
—
50
—
—
ns
LS Pulse Width
tWLS
—
50
—
—
ns
CHG Pulse Width
tWCHG
—
5
—
—
s
CL Pulse Width
tWCL
—
5
—
—
s
CLK-LS Delay Time
tDCLK-LS
—
50
—
—
ns
LS-CLK Delay Time
tDLS-CLK
—
50
—
—
ns
LS-CHG Delay Time
tDLS-CHG
—
0
—
—
ns
LS-CL Delay Time
tDLS-CL
—
0
—
—
ns
CLK-DOUT Delay time
tPD
Cll = 30 pF
—
25
50
ns
tDLH
—
1.0
2.0
s
All Output Delay Time
tDHL
Cld = 100 pF
tR = 20 to 80%
tF = 80 to 20%
—
1.0
2.0
s
tTLH
—
0.5
1.0
s
All Output Slew Rate
tTHL
Cld = 100 pF
tR = 20 to 80%
tF = 80 to 20%
—
0.5
1.0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com