Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXSC1616-33F Datasheet(PDF) 1 Page - Micross Components

Part # EXSC1616-33F
Description  Temperature Silicon Capacitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

EXSC1616-33F Datasheet(HTML) 1 Page - Micross Components

  EXSC1616-33F Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded & Wirebond Extreme
Temperature Silicon Capacitor
EXSC1616 3.3µF
935.125.42Y.733
Key Features
• Ultra High Operating Temperature up to 250°C
• Low Profile (250µm)
• High Stability of Capacitance Value;
• Temperature <±1.5% (-55 to +250°C)
• Voltage < 0.1 % / V
• Negligible Capacitance Loss through Ageing
• High Reliability
• Low Leakage Current down to 100pA
• Aluminium Pad Finish
Key Applications
• All Applications up to 250°C, such as Downhole & Defence
Industries.
• High Reliability Applications
• Decoupling / Filtering / Charge Pump (ie. Temperature
Sensors, Motor Managment)
• Replacement of X8R and C0G Dielectrics
• Downsizing
2 & 4 Hellesdon Park Road, Norwich, Norfolk, NR6 5DR
+44 (0)1603 788967
www.micross.com
chipcomponents@micross.com
Pb
The IPDiA Technology features a Capacitor Integration Capa-
bility (up to 250nF/mm2) which allows a capacitance value
similar to X8R dielectric, but with better electrical perfor-
mances than C0G/NP0 dielectrics.
This technology also offers high reliability, up to 10 times
better than alternative capacitor technologies.
This silicon based technology is RoHS compliant and com-
patible with lead free reflow soldering process.
Part Number
935.132.
B. 2
S.
U.
xx
Breakdown
Size:
Unit:
Value
ie. 100nF/0404 case (EXSC type)
935.125.42F.610
Voltage:
F = 0404 G = 0605
0 = 10f
5 = 1n
4 = 11V
H = 0505 C = 0202
1 = 0.1p 6 = 10n
7 = 30V
I = 0302 V = 1612
2 = 1p
7 = 0.1u
S = 1208 Y = 1616
3 = 10p 8 = 1u
V = 1216 X = 2016
4 = 0.1n 9 = 10u
Parameters
Value
Capacitance Range 390pF to 4.7µF
Capacitance Tolerances ±15%
Operating Temperature Range -55°C to 250°C
Storage Temperatures -70°C to 265°C
Temperature Coefficient <±1.5%, from -55°C to +250°C
Breakdown Voltage (BV) 11V, 30V
Capacitance Variation Vs. RVDC 0.1% IV (from 0 V to RVDC)
Equivalent Serial Inductor (ESL) Max 100pH
Equivalent Serial Resistor (ESR) Max 0.1Ω
Insulation Resistance 50GΩ min @ 3V,25°C
10GΩ min @ 3V, 250°C
Ageing Negligible, < 0.001% / 1000h
Reliability FIT < 0.017 parts / billion hours
Capacitor Height Max 250µm


Similar Part No. - EXSC1616-33F

ManufacturerPart #DatasheetDescription
logo
Micross Components
EXSC1208-1F MICROSS-EXSC1208-1F Datasheet
286Kb / 1P
Temperature Silicon Capacitor
More results

Similar Description - EXSC1616-33F

ManufacturerPart #DatasheetDescription
logo
Micross Components
ETSC1208-1F MICROSS-ETSC1208-1F Datasheet
302Kb / 1P
Temperature Silicon Capacitor
EXSC0202-10NF MICROSS-EXSC0202-10NF Datasheet
286Kb / 1P
Temperature Silicon Capacitor
EXSC0202-10NF-30V MICROSS-EXSC0202-10NF-30V Datasheet
286Kb / 1P
Temperature Silicon Capacitor
EXSC0404-100NF MICROSS-EXSC0404-100NF Datasheet
286Kb / 1P
Temperature Silicon Capacitor
EXSC0505-220NF MICROSS-EXSC0505-220NF Datasheet
280Kb / 1P
Temperature Silicon Capacitor
EXSC1208-1F MICROSS-EXSC1208-1F Datasheet
286Kb / 1P
Temperature Silicon Capacitor
HTSC0402-100NF MICROSS-HTSC0402-100NF Datasheet
241Kb / 1P
High Temperature Silicon Capacitor
HTSC0805-100NF MICROSS-HTSC0805-100NF Datasheet
241Kb / 1P
High Temperature Silicon Capacitor
HTSC1206-100NF MICROSS-HTSC1206-100NF Datasheet
241Kb / 1P
High Temperature Silicon Capacitor
XTSC0402-47NF-30V MICROSS-XTSC0402-47NF-30V Datasheet
238Kb / 1P
Extreme Temperature Silicon Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com