Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1012 Datasheet(PDF) 6 Page - E-Tech Electronics LTD

Part # LR1012
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LR1012 Datasheet(HTML) 6 Page - E-Tech Electronics LTD

  LR1012 Datasheet HTML 1Page - E-Tech Electronics LTD LR1012 Datasheet HTML 2Page - E-Tech Electronics LTD LR1012 Datasheet HTML 3Page - E-Tech Electronics LTD LR1012 Datasheet HTML 4Page - E-Tech Electronics LTD LR1012 Datasheet HTML 5Page - E-Tech Electronics LTD LR1012 Datasheet HTML 6Page - E-Tech Electronics LTD LR1012 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LR1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-495.a
1000
÷
•
Δ
Δ
×
=
Δ
Δ
]
℃
/
ppm
[
V
T
V
]
V
)[
S
(
V
]
℃
/
mV
[
T
V
OUT
A
OUT
OUT
A
OUT
TERMS
CL (Output capacitors)
Cause the UTC LR1012L series can provide stable operation without CL.So the CL are used only to improve
transient response characteristics.And when CL is used, a low ESR (Equivalent Series Resistance) capacitor like
ceramic capacitor can also be used. CL can hence be removed in applications when transient response can be
negligible.
VOUT (Output voltage)
Unless the under conditions change, the accuracy of the output voltage is ±2.0% guaranteed under the specified
conditions for input voltage, which differs depending upon the product items, output current, and temperature.
ΔVOUT1, ΔVOUT2 (Line regulations 1 and 2)
After a change in the input voltage with the output current remained unchanged, these values show how much
the output voltage changes.
ΔVOUT3 (Load regulation)
After a change in the output current with the input voltage remained unchanged, these values show how much
the output voltage changes.
Dropout voltage (Vdrop)
When output voltage falls to 98% of VOUT (E) by gradually decreasing the input voltage (VIN), this value shows the
difference between the input voltage (VIN1) and the output voltage. Vdrop=VIN1-[VOUT (E)×0.98]
APPLICATION CIRCUIT
VIN
R1
CIN
GND
VIN
ON/OFF
VSS
VOUT
VOUT
Tr1
UTC LR1012L
CL
Output Current Boost Circuit
CIN
GND
RL
Load
VIN
VIN
UTC LR1012L
VSS
ON/OFF
VOUT
VOUT
IO
Constant Current Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com