Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1MX55 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # R1MX55
Description  VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

R1MX55 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  R1MX55 Datasheet HTML 1Page - E-Tech Electronics LTD R1MX55 Datasheet HTML 2Page - E-Tech Electronics LTD R1MX55 Datasheet HTML 3Page - E-Tech Electronics LTD R1MX55 Datasheet HTML 4Page - E-Tech Electronics LTD R1MX55 Datasheet HTML 5Page - E-Tech Electronics LTD R1MX55 Datasheet HTML 6Page - E-Tech Electronics LTD R1MX55 Datasheet HTML 7Page - E-Tech Electronics LTD R1MX55 Datasheet HTML 8Page - E-Tech Electronics LTD R1MX55 Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
R1MX55
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R101-023.F
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-89-5
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
50: 5.0V
AD: ADJ
HSOP-8
U T C
R1MX55 G
Date Code
Voltage Code
Lot Code
L:Lead Free
G:Halogen Free
PIN CONFIGURATION
4
3
2
1
5
6
7
8
GND
VOUT
NC
NC/ADJ
VIN
GND
NC
EN
NC
FOR HSOP-8
PIN DESCRIPTIONS
FOR ADJUSTABLE VERSION
PIN NO.
PIN NAME
FUNCTION
SOT89-5 PACKAGE
1
VADJ
Output voltage adjustment
2
GND
Ground
3
VC
ON/OFF control
4
VIN
DC input
5
VOUT
DC output
HSOP-8 PACKAGE
1
VOUT
DC output
2, 3, 6
NC
No Connection
4
ADJ
Output voltage adjustment
5
EN
Enable pin, Logic Low=Shutdown; Logic High= Enable
7
GND
Ground
8
VIN
DC input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com