Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE20N65 Datasheet(PDF) 2 Page - Micross Components

Part # ICE20N65
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ICE20N65 Datasheet(HTML) 2 Page - Micross Components

  ICE20N65 Datasheet HTML 1Page - Micross Components ICE20N65 Datasheet HTML 2Page - Micross Components ICE20N65 Datasheet HTML 3Page - Micross Components ICE20N65 Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICE20N65
Dynamic Characteristics
Ciss
Input Capacitance
-
2650
-
pF
VGS = 0V, VDS = 25V, f = 1 MHz
Coss
Output Capacitance
-
943
-
Crss
Reverse Transfer Capacitance
-
8
-
gfs
Transconductance
-
23
-
S
VDS = >2*ID* RDS, ID = 10A
td(on)
Turn-on Delay Time
-
10
-
nS
VDS = 380V, VGS = 10V, ID = 20A, RG = 4Ω
(External)
Tr
Rise Time
-
5
-
td(off)
Turn-off Delay Time
-
67
-
tf
Fall Time
-
4.5
-
Symbol
Parameter
Values
Unit
Conditions
Min
Typ
Max
Gate Charge Characteristics
Qgs
Gate to Source Charge
-
16
-
nC
VDS = 480V, ID = 20A, VGS = 0 to 10V
Qgd
Gate to Drain Charge
-
30
-
Qg
Gate Charge Total
-
82
-
Vplateau
Gate Plateau Voltage
-
5
-
V
Reverse Diode
VSD
Diode Forward Voltage
-
1.0
1.2
V
VGS = 0V, IS = IF
trr
Reverse Recovery Time
-
423
-
ns
VRR = 480V, IS = IF, diF/dt = 100 A/µS
Qrr
Reverse Recovery Charge
-
8
-
µC
Irm
Peak Reverse Recovery Current
-
34
-
A
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com