Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150CS Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5150CS
Description  5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 4Page - STMicroelectronics L5150CS Datasheet HTML 5Page - STMicroelectronics L5150CS Datasheet HTML 6Page - STMicroelectronics L5150CS Datasheet HTML 7Page - STMicroelectronics L5150CS Datasheet HTML 8Page - STMicroelectronics L5150CS Datasheet HTML 9Page - STMicroelectronics L5150CS Datasheet HTML 10Page - STMicroelectronics L5150CS Datasheet HTML 11Page - STMicroelectronics L5150CS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Electrical specifications
L5150CJ / L5150CS
8/34
Doc ID 15542 Rev. 15
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for VS = 5.6 V to 31 V, Tj = -40 °C to +150 °C unless
otherwise stated.
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
PowerSSO-12
SO-8
Rthj-case
Thermal resistance junction to case:
8
°K/W
Rthj-lead
Thermal resistance junction to lead:
40
°K/W
Rthj-amb
(1)
1.
PowerSSO-12: The values quoted are for PCB 77 mm x 86 mm x 1.6 mm, FR4, double copper layer with
single heatsink layer, copper thickness 70 µm, thermal vias, copper area 2 cm2.
SO-8: The values quoted are for PCB 48 mm x 48 mm x 2 mm, FR4, double copper layer with single
heatsink layer, copper thickness 35 µm, copper area 2 cm2.
Thermal resistance junction to ambient:
52
112
°K/W
Table 5.
General
Pin
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
Vo
Vo_ref
Output voltage
VS = 8 V to 18 V
Io = 8 mA to 150 mA
4.9
5.0
5.1
V
Vo
Vo_ref
Output voltage
VS = 5.6 V to 31 V
Io = 8 mA to 150 mA
4.85
5.0
5.15
V
Vo
Vo_ref
Output voltage
VS = 5.6 V to 31 V
Io = 0.1 mA to 8 mA
4.75
5.0
5.25
V
Vo
Ishort
Short-circuit current
VS = 13.5 V
0.65 0.95
1.25
A
Vo
Ilim
Output current capability (1)
VS = 13.5 V
280
470
660
mA
VS, Vo
Vline
Line regulation voltage
VS = 6 V to 28 V
Io = 30 mA
40
mV
Vo
Vload
Load regulation voltage
VS = 8 V to 18 V,
Io = 8 mA to 150 mA
55
mV
VS = 13.5 V,
Tj = 25 °C
Io = 8 mA to 150 mA
40
VS, Vo
Vdp
Drop voltage (2)
Io = 150 mA
500
mV
VS, Vo
SVR
Ripple rejection
fr = 100 Hz
(3)
60
dB
Vo
Ioth_H
Normal consumption mode
output current
VS = 8 V to 18 V
8
mA
Vo
Ioth_L
Very low consumption mode
output current
VS = 8 V to 18 V
1.1
mA
Vo
Ioth_Hyst
Output current switching
threshold hysteresis
VS = 13.5 V
Tj = 25 °C
0.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com