Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M309337 Datasheet(PDF) 1 Page - E-SWITCH

Part # M309337
Description  LAMP VOLTAGE: NO LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M309337 Datasheet(HTML) 1 Page - E-SWITCH

  M309337 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966FBLKWHTEP
12/19/2013
M309337
A
EBP
1
1
PC MOUNTING
12.60
[.496 in]
18.50
[.728 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @125VAC;
8A @250VAC.
5. LAMP VOLTAGE: NO LAMP
6. MATERIAL:
CONTACT SURFACE:SILVER ALLOY
TERMINAL: COPPER ALLOY w/SILVER PLATE
7. ELECTRICAL LIFE: 10,000 CYCLES
8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
A
21335
RELEASED FOR PRODUCTION
12/19/13
EBP
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.20-19.30
19.30-19.40
19.50-19.60
RECOMMENDED PANEL MOUNTING
X
12.85`.05
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
(ON)
OFF
(1a-1)
N/A
OPEN
MOMENTARY=(ON)
HOUSING COLOR
BLACK
7.00
[.276 in]
CIRCUIT: SPST
1
1a
3
1
3.8
[.15 in]
20.80
[.819 in]
14.80
[.583 in]
n1.40
[.055 in]
2.00
[.079 in]
14.00
[.551 in]
13.00
[.512 in]
.80
[.031 in]
7.00
[.276 in]
1a
1
1.20
[.047 in]
9.8
[.39 in]
ACTUATOR COLOR
WHITE


Similar Part No. - M309337

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309330 E-SWITCH-M309330 Datasheet
167Kb / 1P
All Dimensions In MM
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
LAMP VOLTAGE: NO LAMP
More results

Similar Description - M309337

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
LAMP VOLTAGE: NO LAMP
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
LAMP VOLTAGE: NO LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com