Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP4189D Datasheet(PDF) 2 Page - Stanson Technology

Part # STP4189D
Description  P Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP4189D Datasheet(HTML) 2 Page - Stanson Technology

  STP4189D Datasheet HTML 1Page - Stanson Technology STP4189D Datasheet HTML 2Page - Stanson Technology STP4189D Datasheet HTML 3Page - Stanson Technology STP4189D Datasheet HTML 4Page - Stanson Technology STP4189D Datasheet HTML 5Page - Stanson Technology STP4189D Datasheet HTML 6Page - Stanson Technology STP4189D Datasheet HTML 7Page - Stanson Technology STP4189D Datasheet HTML 8Page - Stanson Technology STP4189D Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STP4189D
P Channel Enhancement Mode MOSFET
-
12.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STP4189D 2009. V1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Pulsed Drain Current
IDM
-50
A
Continuous Source Current (Diode Conduction)
IS
-20
A
Power Dissipation
TA=25℃
TA=70℃
PD
52.5
31
W
Operation Junction Temperature
TJ
150
℃
Storgae Temperature Range
TSTG
-55/150
℃
Thermal Resistance-Junction to Ambient
RθJA
50
℃/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com