| Electronic Components Datasheet Search |
|
AND081GST-LED Datasheet(PDF) 4 Page - Purdy Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AND081GST-LED Datasheet(HTML) 4 Page - Purdy Electronics Corporation |
|
4 / 4 page ![]() Purdy Electronics Corporation • 755 North Pastoria Avenue • Sunnyvale, CA 94085-2918 Tel: 408.523.8200 • Fax: 408.733.1287 • Email: sales@purdyelectronics.com • www.purdyelectronics.com LCD - Panel-Segment Displays (Wide Temperature & High Humidity) Part Number Display Font Digit Height in inches Package Dimensions in inches (L x W) FE1901W 0.5 1.1 x 1.2 FE0201W 0.5 2.0 x 1.2 FE0203W 0.5 2.0 x 1.2 FE0202W 0.5 2.0 x 1.2 FE0501W 0.7 2.75 x 1.5 FE0502W 0.7 2.75 x 1.5 FE0206W 0.5 2.0 x 1.2 FE0208W 0.4 2.0 x 1.2 FE0401W 0.5 2.75 x 1.2 FE0601W 0.7 3.7 x 1.5 FE1001W 0.5 3.7 x 1.2 Backlight viewing mode designation is: • DU for “reflective” surface to reflect ambient light back through the liquid crystal materials for illumination. • EU for “transflective” surface which uses a partially reflecting surface for viewing with a backlight or using reflected light. • Example: To receive a 0.5-inch high, 4-digit, wide temperature, high humidity, reflective panel display, order: FE202+w-DU = FE0202W-DU Intelligent Graphic Displays (OLED) *OLED available in (White, Green, Blue, and Red) Sunlight readable. Part Number Pixel Count W x H Pixel Pitch (mm) W x H Viewing Area (mm) W x H Overall Dimension (mm) W x H x D Driving Voltage(V) Built-in Controller Backlight AND005016A-OLED 50 x 16 0.70 x 0.60 38.0 x 16.0 58.0 x 32.0 x 10.0 5V, option 3 V WS0010 *OLED AND010008A-OLED 100 x 8 0.80 x 0.60 66.0 x 16.0 80.0 x 36.0 x 10.0 5V, option 3 V WS0010 *OLED AND010016B-OLED 100 x 16 1.12 x 0.96 99.0 x 24.0 122.0 x 44.0 x 10.0 5V, option 3 V WS0010 *OLED AND010016D-OLED 100 x 16 0.70 x 0.60 66.0 x 16.0 85.0 x 30.0 x 10.0 5V, option 3 V WS0010 *OLED AND010016A-OLED 100 x 16 0.70 x 0.60 66.0 x 16.0 80.0 x 36.0 x 10.0 5V, option 3 V WS0010 *OLED AND010016F-OLED 100 x 16 0.70 x 0.65 85.0 x 18.60 116.0 x 37.0 x 9.8 5V, option 3 V WS0010 *OLED AND010016F-OLED 100 x 16 0.70 x 0.65 85.0 x 18.60 116.0 x 37.0 x 9.8 5V, option 3 V WS0010 *OLED AND010032A-OLED 100 x 32 0.60 x 0.59 77.0 x 25.2 98.0 x 60.0 x 10.0 5V, option 3 V WS0010 *OLED Part Number Lines x Characters Character Size (mm) W x H Viewing Area (mm) W x H Outline Dimension (mm) W x H x D Driving Voltage (V) Built-in Con- troller Backlight AND000802A-OLED 2 x 8 38.0 x 16.0 58.0 x 32.0 x 10 5V, option 3V WS0010 *OLED AND001601A-OLED 1 x 16 66.0 x 16.0 80.0 x 36.0 x 10.0 5V, option 3V WS0010 *OLED AND001602B-OLED 2 x 16 99.0 x 24.0 122.0 x 44.0 x 10.0 5V, option 3V WS0010 *OLED AND 001602D-OLED 2 x 16 66.0 x 16.0 85.0 x 30.0 x 10 5V, option 3V WS0010 *OLED AND001602A-OLED 2 x 16 66.0 x 16.0 80.0 x 36.0 10 5V, option 3V WS0010 *OLED AND002002A-OLED 2 x 20 85.0 x 18.6 116.0 x 37.0 x 9.8 5V, option 3V WS0020 *OLED AND002004A-OLED 4 x 20 77.0 x 25.2 98.0 x 60.0 x 10.0 5V, option 3V WS0010 *OLED AND004002A-OLED 2 x 40 154.4 x 16.5 182.0 x 33.5 x 9.3 5V, option 3V WS0010 *OLED Intelligent Alphanumeric Displays (OLED) *OLED available in (White, Green, Blue, and Red) Sunlight readable. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |