Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MML20211HT1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MML20211HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MML20211HT1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MML20211HT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Figure 1. Pin Connections
(Top View)
RFout
RFin
18
27
36
RFout
4
5
RFin
RFMATCH
VBIAS
N.C.
FB
GND
2
RF Device Data
Freescale Semiconductor
MML20211HT1
Table 4. Electrical Characteristics (VDD = 5 Vdc, 2140 MHz, TA =25C, 50 ohm system, in Freescale Application Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Small--Signal Gain (S21)
Gp
15
18.6
dB
Input Return Loss (S11)
IRL
--16.7
dB
Output Return Loss (S22)
ORL
--26.6
dB
Power Output @ 1dB Compression
P1dB
21.3
dBm
Third Order Input Intercept Point
IIP3
14.4
dBm
Third Order Output Intercept Point
OIP3
33
dBm
Reverse Isolation (S12)
|S12|
--35
dB
Noise Figure (1)
NF
0.65
dB
Supply Current (2)
IDD
45
60
85
mA
Supply Voltage
VDD
5
V
1. Noise figure value calculated with connector losses removed.
2. DC current measured with no RF signal applied.
Table 5. Functional Pin Description
Pin
Number
Pin Function
1
RFin
2
RFin
3
RF Input Matching Termination
4
Bias Voltage DC Supply
5
RF Feedback
6
RFout/DC Supply
7
RFout/DC Supply
8
No Connection
Table 6. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
0
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
IV
Table 7. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
1
260
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com