Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBC04DFAN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PBC04DFAN
Description  100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBC04DFAN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PBC04DFAN Datasheet HTML 1Page - List of Unclassifed Manufacturers PBC04DFAN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
79
www.sullinscorp.com
| 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Sullins Headers
DIMENSIONS
PART NUMBER
NUMBER OF
CONTACTS
SINGLE/DUAL
AB
Inches
[MM]
Inches
[MM]
P _ C01 _ _ N
01/02
N/A
N/A
0.100
2.54
P _ C02 _ _ N
02/04
0.100
2.54
0.200
5.08
P _ C03 _ _ N
03/06
0.200
5.08
0.300
7.62
P _ C04 _ _ N
04/08
0.300
7.62
0.400
10.16
P _ C05 _ _ N
05/10
0.400
10.16
0.500
12.70
P _ C06 _ _ N
06/12
0.500
12.70
0.600
15.24
P _ C07 _ _ N
07/14
0.600
15.24
0.700
17.78
P _ C08 _ _ N
08/16
0.700
17.78
0.800
20.32
P _ C09 _ _ N
09/18
0.800
20.32
0.900
22.86
P _ C10 _ _ N
10/20
0.900
22.86
1.000
25.40
P _ C11 _ _ N
11/22
1.000
25.40
1.100
27.94
P _ C12 _ _ N
12/24
1.100
27.94
1.200
30.48
P _ C13 _ _ N
13/26
1.200
30.48
1.300
33.02
P _ C14 _ _ N
14/28
1.300
33.02
1.400
35.56
P _ C15 _ _ N
15/30
1.400
35.56
1.500
38.10
P _ C16 _ _ N
16/32
1.500
38.10
1.600
40.64
P _ C17 _ _ N
17/34
1.600
40.64
1.700
43.18
P _ C18 _ _ N
18/36
1.700
43.18
1.800
45.72
P _ C19 _ _ N
19/38
1.800
45.72
1.900
48.26
P _ C20 _ _ N
20/40
1.900
48.26
2.000
50.80
P _ C21 _ _ N
21/42
2.000
50.80
2.100
53.34
P _ C22 _ _ N
22/44
2.100
53.34
2.200
55.88
P _ C23 _ _ N
23/46
2.200
55.88
2.300
58.42
P _ C24 _ _ N
24/48
2.300
58.42
2.400
60.96
P _ C25 _ _ N
25/50
2.400
60.96
2.500
63.50
P _ C26 _ _ N
26/52
2.500
63.50
2.600
66.04
P _ C27 _ _ N
27/54
2.600
66.04
2.700
68.58
P _ C28 _ _ N
28/56
2.700
68.58
2.800
71.12
P _ C29 _ _ N
29/58
2.800
71.12
2.900
73.66
P _ C30 _ _ N
30/60
2.900
73.66
3.000
76.20
P _ C31 _ _ N
31/62
3.000
76.20
3.100
78.74
P _ C32 _ _ N
32/64
3.100
78.74
3.200
81.28
P _ C33 _ _ N
33/66
3.200
81.28
3.300
83.82
P _ C34 _ _ N
34/68
3.300
83.82
3.400
86.36
P _ C35 _ _ N
35/70
3.400
86.36
3.500
88.90
P _ C36 _ _ N
36/72
3.500
88.90
3.600
91.44
HEAD
TAIL
SINGLE READOUT,
STRAIGHT TAIL SHOWN
DUAL READOUT,
STRAIGHT TAIL SHOWN
B
B
.025 [.64] SQUARE POST
FITS Ø.040 MINIMUM
.050, 2 PLS.
[1.27]
.100 TYP.
[2.54]
.050, 2 PLS.
[1.27]
.100 TYP.
[2.54]
.025 [.64] SQUARE POST
FITS Ø.040 MINIMUM
A
A
PART NUMBER CODING
.100”[2.54mm] Contact Centers, Male Breakaway Header
Dip Solder/Right Angle/SMT
SERIES
P = PBT/Phosphor Bronze
Operating Temperature:
-65°C to + 125°C
Processing Temperature: 260° for 10 sec. Max.
G = PA9T/Phosphor Bronze
Operating Temperature:
-65°C to + 125°C
Processing Temperature: 260° for 120 sec. Max.
CONTACT FINISH - RoHS Compliant
All platings are Lead Free and have .000050” Nickel underplate
Contact Surface
Termination
B = .000010” Gold
.000100” Pure Tin, Matte
C = .000030” Gold
.000100” Pure Tin, Matte
Contact Surface
Overall Plating
E = .000010” Pure Tin, Matte
.000100” Pure Tin, Matte
CONTACT CENTERS
C = .100” [2.54mm]
NUMBER OF POSITIONS
S = Single
D = Dual
MOUNTING STYLE
N =No Mounting
R =Retent Lead (Consult Factory)
TERMINATION TYPE (Opposite Page)
01 Thru 36 (eg. 32 Dual = 64 Contacts)
READOUT (Opposite Page)
MODIFICATION CODE (Consult Factory)
OMIT FOR STANDARD
P B C 36 D AA N - Mxxx
Dimensions in [ ] are in millimeters, all others are in inches.
-M30 = SMT (‘G’ Material Only)
-M89 = SMT (‘G’ Material Only)
-M71 = Narrow Body (Right Angle Only)
Straight
= AA, AB, AC, AD, AE, AF, AG, AH,
FA, FB, FC, FD, FE, ZA, ZC, ZD
Right Angle = BA, BB, BC, BD, BE, BF, BG,
GA, GB, GC, GD, GS
Right Angle with -M71 Modification Code
= BA, BB, BC, BD, BE, GA, GB
SMT with -M89 Modification Code
= BS, GS (‘G’ Material Only)
SMT with -M30 Modification Code
= AB, FB (‘G’ Material Only)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com