Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E10GSFPLR Datasheet(PDF) 10 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 10 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 6Page - Intel Corporation E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation E10GSFPLR Datasheet HTML 10Page - Intel Corporation E10GSFPLR Datasheet HTML 11Page - Intel Corporation E10GSFPLR Datasheet HTML 12Page - Intel Corporation E10GSFPLR Datasheet HTML 13Page - Intel Corporation E10GSFPLR Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
Entry, Single-Socket
Pedestal Server
Intel® Server Board
S3420GPLC and Intel®
Server Chassis SC5650UP
Great for small businesses that
need the reliability a server
provides in a small and quiet
pedestal chassis.
Key features include:
• Support for one
Intel® Xeon® 3400 series processor
• Supports DDR3 ECC UDIMMs
and up to 32GB of DDR3 Registered DIMMs
• Upgradeable to six 3.5” hot-swap SAS/SATA drives
• Dual Gigabit Ethernet Controllers
• PCI Express* 2.0 slots for future expansion
• Integrated IPMI 2.0
• High-efficiency power supplies
• Designed for Energy Star* requirements
• Designed for office environments with acoustic levels as
low as 32dB
Board: S3420GPLC
Chassis: SC5650UPNA
Storage Upgrades: Six hot-swap drive bays (AXX6DRV3GR
and APPTHSDBKIT) and Intel® RAID Controller SCRSATAWB with
8 SATA ports for hardware RAID 0/1/5/6/10/50/60
Entry 1U, Single-Socket
Server System
Intel® Server System
SR1630GP
The Intel® Server System
SR1630GP is ideal for entry
web-hosting or small &
medium businesses.
Key features include:
• Support for one Intel® Xeon® 3400 series processor
• One PCI Express* x8 (gen 2) slot
• Integrated IPMI 2.0
• Support for two SATA drives
• 20” short depth
• Includes rail kit and heat sink
System: SR1630GPNA
Actual product
may vary from image
Upgrade to three hot-swap drives with SR1630HGPnA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com