Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-RVC1H220K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECJ-RVC1H220K
Description  Multilayer Ceramic Capacitors (4 Array Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ-RVC1H220K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECJ-RVC1H220K Datasheet HTML 1Page - Panasonic Semiconductor ECJ-RVC1H220K Datasheet HTML 2Page - Panasonic Semiconductor ECJ-RVC1H220K Datasheet HTML 3Page - Panasonic Semiconductor ECJ-RVC1H220K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(4 Array Type)
– EC28 –
Schematic
EC
J
T
VC
1
H
1
0
1
K
Product Code
(ECJ:Multilayer Ceramic
Chip Capacitors)
Packaging
Style Code
Rated Voltage Code
123456789
10
11
12
Nominal Capacitance
Temperature
Characteristic Code
Size Code
(Example)
Capacitance
Tolerance Code
2
1
5
4
3
L
BW
P
P/2
Multilayer Ceramic Capacitors
(4 Array Type)
Series:
ECJR, ECJT
Features
● 4 miniature capacitors built within 0805 and 1206
case sizes
● Improved placement time on mounting machines
● Low self-inductance and excellent frequency characteristics
● RoHS compliant
Recommended Applications
● Input/Output circuit for computer motherboards
· Serial port
· Video port
· Parallel port
Handling Precautions
See Page 48 to 53
Packaging Specifications
See Page 45, 46, 56
Explanation of Part Numbers
Construction
Dimensions in mm (not to scale)
Quantity: pcs./reel
Size Code
Size (EIA)
LWT
BW
BW1
P
T0805
2.00±0.15 1.25±0.15 0.85±0.10 0.25±0.10
0.2
+0.3
0.5±0.1
R1206
3.2±0.2
1.6±0.2
0.85±0.100.40±0.15
0.2
+0.3
0.80±0.1
–0.1
Packaging Styles and Standard Packaging Quantity
Packaging Style
Code
Size
Packaging Styles
0805
1206
V
φ180 reel
Paper taping
(Pitch : 4 mm)
4,000
No
Name
1
Ceramic dielectric
2
Internal electrode
3
Terminal
electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
–0.1
Apr. 2008
00


Similar Part No. - ECJ-RVC1H220K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
More results

Similar Description - ECJ-RVC1H220K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37830 EPCOS-B37830 Datasheet
110Kb / 9P
Multilayer Ceramic Capacitors Array
logo
Panasonic Semiconductor
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
Multilayer Ceramic Capacitors (2 Array Type)
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
logo
Panasonic Battery Group
ECJTVC1H100F PANASONICBATTERY-ECJTVC1H100F Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type) Input/Output circuit for computer motherboards
logo
Panasonic Semiconductor
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com