Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9362013TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9362013TR
Description  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362013TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9362013TR Datasheet HTML 9Page - STMicroelectronics L9362013TR Datasheet HTML 10Page - STMicroelectronics L9362013TR Datasheet HTML 11Page - STMicroelectronics L9362013TR Datasheet HTML 12Page - STMicroelectronics L9362013TR Datasheet HTML 13Page - STMicroelectronics L9362013TR Datasheet HTML 14Page - STMicroelectronics L9362013TR Datasheet HTML 15Page - STMicroelectronics L9362013TR Datasheet HTML 16Page - STMicroelectronics L9362013TR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
L9362
Figure 10. TMPS1 vs. Temperature (4.5V
 Vcc  5.5V; 0.5A  Iout1...4  3A).
FUNCTIONAL DESCRIPTION
Introduction
The Quad Low Side Driver UF07 is built up of four identical channels (Low Side Drivers), controlled by four
CMOS input stages. Each Channel is protected against short to VBat and by a zener clamp against overvoltage.
A diagnostic logic recognizes four failure types at the output stage: overcurrent, short to GND, open-load and
overtemperature.
The failures are stored individually for each channel in one byte which can be read out via a serial interface (SPI).
Each channel has a current feedback output which sinks a current proportional to the load current of the Low
Side Switch.
Output Stage Control
Each of the four output stages is switched ON and OFF by an individual control line (NON-Input). The logic level of
the control line is CMOS compatible. The output transistors are switched off when the inputs are not connected.
Power Transistors
Each of the four output stages has its own zener clamp. This causes a voltage limitation at the power transistors
when inductive loads are switched off. Output voltage ramp occurring when the output is switched on or off, is
within defined limits. Output transistors can be connected in parallel to increase the current capability. In this
case, the associated inputs, outputs and current feedback outputs should be connected together.
Diagnostics
Following failures at the output stage are recognized:
Short circuit to VBat or overtemp................= SCB (Highest priority)
Short circuit to GND...................................=SCG
Open Load.................................................= OL (Lowest Priority)
-3
-2
-50
0
Temp./[˚C]
50
100
150
200
-1
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com