| Electronic Components Datasheet Search |
|
LSK170C Datasheet(PDF) 1 Page - Micross Components |
|
|
|||||||||||||||||||||||||||||
LSK170C Datasheet(HTML) 1 Page - Micross Components |
|
|
1 / 1 page ![]() Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com, Web: www.micross.com The 2SK170 / LSK170 is an Ultra Low Noise Single N-Channel JFET LSK170 ULTRA LOW NOISE SINGLE N-CHANNEL JFET Available Packages: 2SK170 / LSK170 in TO-92 2SK170 / LSK170 in SOT-23 2SK170 / LSK170 available as bare die Please contact Micross for package and die dimensions Email: chipcomponents@micross.com Tel: +441603 788967 2SK170 / LSK170 Applications: Audio amplifiers and preamps, discrete low-noise operational amplifiers, battery-operated audio preamps, guitar pickups, effects pedals, microphones, audio mixer consoles, acoustic sensors, sonobuoys, hydrophones, chemical and radiation detectors, instrumentation amplifiers, accelerometers, CT scanners input stages, oscilloscope input stages, electrometers and vibrations detectors. Optimized to provide low noise at both high and low frequency with a narrow range of IDSS and low capacitance. The 2SK170 / LSK170’s low noise to capacitance ratio and narrow range of low value IDSS provide solutions for low noise applications which cannot tolerate high values of capacitance or wide ranges of IDSS The narrow ranges of IDSS binning with the 2SK170 / LSK170 promote ease of design tolerancing, particularly in low voltage applications. The 2SK170 / LSK170 is ideal for portable battery operated applications, and features high BVDSS for maximum linear headroom in high transient program content amplifiers. The 2SK170 / LSK170 series has a uniquely linear VGS transfer function for a stability that is highly desirable, particularly for audio front-end preamplifiers. Linear Systems replaces discontinued Toshiba 2SK170 with LSK170 Surface mount SOT23 available (not offered by Toshiba 2SK170) Improved pin for pin replacement for Toshiba 2SK170 Improved functional replacement for Interfet IF1320, IF1330, IF1331, and IF4500 Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems. |
Similar Part No. - LSK170C |
|
Similar Description - LSK170C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |