Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MPC-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Specifications
22
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
WirelessMicrophones
MWR-100UHF
Specifications
• FCC Compliant
• 128 Frequency-selectable for interference-free usage on both channels
• Frequency Range: 740-752MHz
• LCD display with channel, RF and AF readings
• Dual channel volume controls on front
• Squelch adjustment controls for each channel
• Ability to recharge MWHH-UHF/MWLP-UHF
microphones from receiver
• Balanced XLR and unbalanced outputs
• Connecting Cable w/ XLR Connections included
• Mounting brackets included
MWR-200UHF
PROFESSIONAL UHF DUAL CHANNEL, DIVERSITY PLL RECEIVER
FOR USE WITH MWHH-UHF & MWLP-UHF
Frequency Range . . . . . . . . . UHF 740-752MHz
Oscillator . . . . . . . . . . . . . . . . PLL synthesized
Receiving Mode . . . . . . . . . . Dual channel, diversity
Frequency Stability . . . . . . . ±0.005%
Receiving Sensitivity . . . . . . At 8dBuV over 80dB S/N ratio
Image & Spurious Rej. . . . . . 80dB minimum
Selectivity . . . . . . . . . . . . . . . > 50dB
Modulation Mode . . . . . . . . FM
IF Frequency . . . . . . . . . . . . . 1st: 56MHz, 2nd: 10.7MHz
Dynamic Range . . . . . . . . . . > 96dB
Tone Signal . . . . . . . . . . . . . . 32.768KHz
S/N Ratio . . . . . . . . . . . . . . . . > 94dB, at 48KHz deviation & 60dBuV antenna input
AF Response . . . . . . . . . . . . . 50Hz to 15KHz (±3dB)
Power Supply . . . . . . . . . . . . 12 VDC
T.H.D. . . . . . . . . . . . . . . . . . . . < 1% (at 1 KHz)
LCD Display . . . . . . . . . . . . . Channel, frequency and volume level
Current Consumption . . . . . 500mA ± 10mA
Dimensions . . . . . . . . . . . . . . 16.5” W x 2” H x 7” D
• FCC Compliant
• 128 Frequency-selectable for interference-free usage
• Frequency Range: 740-752MHz
• LCD display with channel, frequency and volume readings
• RF and AF meter indicators on front panel
• Squelch adjustment control
• Ability to recharge MWHH-UHF/MWLP-UHF microphones from receiver
• Balanced XLR and unbalanced outputs
• Connecting cable with XLR – XLR connectors included
• Removable TCN-type coaxial cable antennas
• Mounting brackets included
PROFESSIONAL UHF SINGLE CHANNEL, DIVERSITY PLL RECEIVER
FOR USE WITH MWHH-UHF & MWLP-UHF
Frequency Range . . . . . . . . . UHF 740-752MHz
Oscillator . . . . . . . . . . . . . . . . PLL synthesized
Receiving Mode . . . . . . . . . . Single channel, diversity
Frequency Stability . . . . . . . ±0.005%
Receiving Sensitivity . . . . . . At 8dBuV over 80dB S/N ratio
Image & Spurious Rej. . . . . . 80dB minimum
Selectivity . . . . . . . . . . . . . . . > 50dB
Modulation Mode . . . . . . . . FM
IF Frequency . . . . . . . . . . . . . 1st: 56MHz, 2nd: 10.7MHz
Dynamic Range . . . . . . . . . . > 96dB
Tone Signal . . . . . . . . . . . . . . 32.768KHz
S/N Ratio . . . . . . . . . . . . . . . . > 94dB, at 48KHz deviation & 60dBuV antenna input
AF Response . . . . . . . . . . . . . 50Hz to 15KHz (±3dB)
Power Supply . . . . . . . . . . . . 12 VDC
T.H.D. . . . . . . . . . . . . . . . . . . . < 1% (at 1 KHz)
LCD Display . . . . . . . . . . . . . Channel, frequency and volume level
Current Consumption . . . . . 500mA ± 10mA
Dimensions . . . . . . . . . . . . . . 8.5” W x 1.75” H x 6.5” D
Receivers and wireless mic transmitters must be ordered separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com