Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBAS50Y1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBAS50Y1
Description  Alphanumeric Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBAS50Y1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBAS50Y1 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBAS50Y1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBAS50Y1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBAS50Y1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBAS50Y1 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBAS50Y1 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBAS50Y1 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBAS50Y1 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBAS50Y1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
QBAS80XXZ_series
0.80” Single Digit
Alphanumeric Display
Product: QBAS50XXZ_series
Date: February 2, 2012
Page 1 of 10
Version# 1.0
Feature:
 0.80” Single digit sixteen segment display
 Low power consumption
 Packed in Board
 Gray face and White segment
 AlInGaP Technology (R, Y, AG)
 XX= color; Z=1: Common Cathode or 0: common
Anode
Description:
These 0.80” Single digit sixteen segment displays are
made with white segment and gray surface. The
viewing distance is up to seven meters.
Application:
 Instrument panels
 Indoor/Outdoor display board
 Audio equipment
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.30mm


Similar Part No. - QBAS50Y1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBAS50Y1 ETC2-QBAS50Y1 Datasheet
501Kb / 10P
Alphanumeric Display
QBAS50Y1 ETC1-QBAS50Y1 Datasheet
468Kb / 10P
Alphanumeric Display
More results

Similar Description - QBAS50Y1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD243X OSRAM-PD243X Datasheet
146Kb / 7P
Alphanumeric Programmable Display
PDSP1880 OSRAM-PDSP1880 Datasheet
873Kb / 15P
Alphanumeric Programmable Display?
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAS50R1 ETC2-QBAS50R1 Datasheet
501Kb / 10P
Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
Alphanumeric Display
QBASS40YG1 ETC2-QBASS40YG1 Datasheet
587Kb / 10P
Alphanumeric SMD Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
Alphanumeric Display
QBASS40YGZ ETC1-QBASS40YGZ Datasheet
587Kb / 10P
Alphanumeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com