Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBEC5345 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBEC5345
Description  3mm Infrared LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBEC5345 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBEC5345 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBEC5345 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBEC5345 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBEC5345 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBEC5345 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
QBEC5345
3mm Infrared LED Lamp
Product: QBEC5345
Date: 06/08/2011
Page 1 of 5
Version# 1.0
Feature:
 Water Clear transparent lens
 Package in bulk pack (Available in tape/reel)
 High radiant intensity
 3mm round type TH lamp
 2.54mm Lead spacing
 Peak wavelength λP = 850nm
 45ºviewing angle
 AlGaAs technology
Description:
High intensity diode, molded in a water clear
transparent plastic package. This device is
spectrally matched with phototransistor,
photodiode and infrared receiver module.
Application:
 Free air transmission system
 Optoelectronic switch
 Infrared applied system
 Smoke Detector
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.25mm


Similar Part No. - QBEC5345

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBEC5120 ETC1-QBEC5120 Datasheet
380Kb / 7P
3mm Infrared Lamp
QBEC5135 ETC2-QBEC5135 Datasheet
533Kb / 5P
3mm Infrared LED Lamp
QBEC5140 ETC2-QBEC5140 Datasheet
533Kb / 5P
3mm Infrared LED Lamp
More results

Similar Description - QBEC5345

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR234C EVERLIGHT-HIR234C Datasheet
187Kb / 7P
3mm Infrared LED
2006/4/26
logo
List of Unclassifed Man...
QBEC5135 ETC2-QBEC5135 Datasheet
533Kb / 5P
3mm Infrared LED Lamp
logo
OptoSupply Internationa...
OSI3CA3131A OPTOSUPPLY-OSI3CA3131A Datasheet
113Kb / 1P
3mm Infrared LED
OSI5LA3D61A OPTOSUPPLY-OSI5LA3D61A Datasheet
237Kb / 3P
3mm Infrared LED
logo
Everlight Electronics C...
SIR204-A EVERLIGHT-SIR204-A Datasheet
256Kb / 8P
3mm Infrared LED
Jun.10.2013
SIR234 EVERLIGHT-SIR234 Datasheet
322Kb / 8P
3mm Infrared LED
Jun.18.2013
logo
List of Unclassifed Man...
QBEC5120 ETC1-QBEC5120 Datasheet
380Kb / 7P
3mm Infrared Lamp
logo
Everlight Electronics C...
IR204C-H16-L10 EVERLIGHT-IR204C-H16-L10_15 Datasheet
285Kb / 8P
3mm Infrared LED
HIR204C EVERLIGHT-HIR204C_15 Datasheet
237Kb / 8P
3mm Infrared LED
HIR204C-H0 EVERLIGHT-HIR204C-H0_15 Datasheet
239Kb / 8P
3mm Infrared LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com