Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T311069 Datasheet(PDF) 1 Page - E-SWITCH

Part # T311069
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T311069 Datasheet(HTML) 1 Page - E-SWITCH

  T311069 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
SCALE 1 : 1
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET OF
REV
PCR NO
DESCRIPTION
DATE
BY
300SP1R7BLKM2REBLK
2=1
3/5/2008
T311069
A
BLR
1
1
P.C. MOUNTING
RECOMMENDED
MOUNTING
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
OPEN
2-1
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 VOLT AMPS MAX. @20V MAX. AC OR DC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
1
2
3
4.70
[.185 in]
n1.85
[.073 in]TYP
A
17994
RELEASE FOR PRODUCTION
3/5/08
BLR
15.57
[.613 in]
12.70
[.500 in]
R.13
[.005 in]
PANEL THICKNESS:
1.19 [.047 in] -
3.18 [.125 in]
6.60
[.260 in]
.76
[.030 in]
4.70
[.185 in]
12.70
[.500 in]
8.89
[.350 in]
7.5
[.30 in]
RATING (E-SWITCH LOGO
ON OPPOSITE SIDE)
EPOXY SEAL
1.27
[.050 in]
6.86
[.270 in]
13.8
[.54 in]
2.29
[.090 in]
15.80
[.622 in]
19.85
[.781 in]
11.43
[.450 in]


Similar Part No. - T311069

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T311060 E-SWITCH-T311060 Datasheet
210Kb / 1P
All Dimension In MM
T311061 E-SWITCH-T311061 Datasheet
209Kb / 1P
All Dimension In MM
T311062 E-SWITCH-T311062 Datasheet
110Kb / 1P
All Dimension In MM
T311063 E-SWITCH-T311063 Datasheet
156Kb / 1P
All Dimension In MM
T311065 E-SWITCH-T311065 Datasheet
267Kb / 1P
All Dimension In MM
More results

Similar Description - T311069

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com