Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP6N50P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP6N50P
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP6N50P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP6N50P Datasheet HTML 1Page - IXYS Corporation IXTP6N50P Datasheet HTML 2Page - IXYS Corporation IXTP6N50P Datasheet HTML 3Page - IXYS Corporation IXTP6N50P Datasheet HTML 4Page - IXYS Corporation IXTP6N50P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA 6N50P
IXTP 6N50P
Fig. 11. Capacitance
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V D S - Volts
C iss
C oss
C rss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
02
46
8
10
12
14
16
Q G - nanoCoulombs
VDS = 250V
ID = 3A
IG = 10mA
Fig. 7. Input Adm ittance
0
1
2
3
4
5
6
7
8
44.5
55.5
66.5
V G S - Volts
TJ = 125º C
25
º C
-40
º C
Fig. 8. Trans conductance
0
1
2
3
4
5
6
7
8
9
10
01
23
456
78
I D - Amperes
TJ = -40º C
25
º C
125
º C
Fig. 9. Source Curre nt vs .
Source -To-Drain V oltage
0
2
4
6
8
10
12
14
16
18
0.4
0.5
0.6
0.7
0.8
0.9
1
V S D - Volts
TJ = 125º C
TJ = 25º C
Fig. 12. Forw ard-Bias
Safe Operating Area
0.1
1
10
100
10
100
1000
V D S - Volts
100µs
1m s
DC
TJ = 150º C
TC = 25º C
R DS(on) Limit
10m s
25µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com