Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCAX2/0-14-X Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # LCAX2/0-14-X
Description  Flex Conductor, One-Hole, Standard Barrel with Window Lug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LCAX2/0-14-X Datasheet(HTML) 1 Page - PANDUIT CORP.

  LCAX2/0-14-X Datasheet HTML 1Page - PANDUIT CORP. LCAX2/0-14-X Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Flex Conductor, One-Hole, Standard Barrel with Window Lug
• Can be used with code conductor and flex conductor class: G, H, I,
K, M and Diesel Locomotive
• Generously beveled wire entry prevents bent back strands when
inserting conductor into barrel
• Color-coded barrels marked with Panduit and specified competitor
die index numbers for proper crimp die selection
• Inspection window to visually assure full conductor insertion
• Tin-plated to inhibit corrosion
• UL Listed and CSA Certified to 35 KV** and temperature rated to
90°C when crimped with Panduit and specified competitor
crimping tools and dies
• American Bureau of Shipping approved
For Use with Flexible, Extra-Flexible, and Code Stranded Copper Conductors
Type LCAX
W
L
T
B
INSPECTION
WINDOW
‡See pages D3.70 – D3.73 for tool and die information.
*Not UL Listed or CSA Certified with Class K flex conductor when crimped with Burndy tools.
**Consult cable manufacturer for voltage stress relief instructions with applications greater than 2000 V.
Part Number
Flex Conductor Size
Code
Conductor
Size
Stud
Hole
Size
(In.)
Figure Dimensions
(In.)
Panduit
Color
Code
Panduit
Die Index
No.‡
Burndy
Die
Index
No.‡
T&B
Die
Index
No.‡
Wire Strip
Length
(In.)
Std.
Pkg.
Qty.
Class
G, H, I, K, M
Diesel
Locomotive
W
B
T
L
LCAX8-10-L
#8 AWG
#8 AWG
#8 AWG
#10
0.41 0.42 0.08 1.11
Red
P21
49
21
1/2
50
LCAX8-14-L
1/4
0.48 0.42 0.07 1.20
Red
P21
49
21
1/2
50
LCAX8-56-L
5/16
0.56 0.42 0.05 1.32
Red
P21
49
21
1/2
50
LCAX8-38-L
3/8
0.60 0.42 0.05 1.42
Red
P21
49
21
1/2
50
LCAX6-10-L
#6 AWG
#6 AWG
#6 AWG
#10
0.45 0.48 0.09 1.19
Blue
P24
7
24
9/16
50
LCAX6-14-L
1/4
0.48 0.48 0.08 1.28
Blue
P24
7
24
9/16
50
LCAX6-56-L
5/16
0.56 0.48 0.07 1.40
Blue
P24
7
24
9/16
50
LCAX6-38-L
3/8
0.62 0.48 0.06 1.50
Blue
P24
7
24
9/16
50
LCAX4-10-L
#4 AWG
#5, #4, #3
AWG
#4 AWG
#10
0.55 0.53 0.09 1.26
Gray
P29
8
29
5/8
50
LCAX4-14-L
1/4
0.55 0.53 0.09 1.35
Gray
P29
8
29
5/8
50
LCAX4-56-L
5/16
0.55 0.53 0.09 1.47
Gray
P29
8
29
5/8
50
LCAX4-38-L
3/8
0.62 0.53 0.07 1.57
Gray
P29
8
29
5/8
50
LCAX2-10-E*
#2 AWG
#2 AWG
#2 AWG
#10
0.70 0.59 0.11 1.40
Brown
P33
10
33
11/16
20
LCAX2-14-E*
1/4
0.70 0.59 0.11 1.50
Brown
P33
10
33
11/16
20
LCAX2-56-E*
5/16
0.70 0.59 0.11 1.63
Brown
P33
10
33
11/16
20
LCAX2-38-E*
3/8
0.70 0.59 0.11 1.70
Brown
P33
10
33
11/16
20
LCAX2-12-E*
1/2
0.75 0.59 0.09 1.94
Brown
P33
10
33
11/16
20
LCAX1-10-X
#1 AWG
#1 AWG
#1 AWG
#10
0.76 0.66 0.12 1.50
Green
P37
11
37
3/4
10
LCAX1-14-X
1/4
0.76 0.66 0.12 1.67
Green
P37
11
37
3/4
10
LCAX1-56-X
5/16
0.76 0.66 0.12 1.72
Green
P37
11
37
3/4
10
LCAX1-38-X
3/8
0.76 0.66 0.12 1.80
Green
P37
11
37
3/4
10
LCAX1-12-X
1/2
0.80 0.66 0.12 2.03
Green
P37
11
37
3/4
10


Similar Part No. - LCAX2/0-14-X

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCAXN750-12-3 PANDUIT-LCAXN750-12-3 Datasheet
102Kb / 1P
Text Search LCAXN750-12-3
More results

Similar Description - LCAX2/0-14-X

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
91Kb / 1P
COPPER LUG-ONE-HOLE, STANDARD BARREL
LCA8-38-L PANDUIT-LCA8-38-L Datasheet
95Kb / 1P
COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA6-14-L PANDUIT-LCA6-14-L Datasheet
92Kb / 1P
COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA4-14-L PANDUIT-LCA4-14-L Datasheet
94Kb / 1P
COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA1-14-E PANDUIT-LCA1-14-E Datasheet
94Kb / 1P
COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA1-38-E PANDUIT-LCA1-38-E Datasheet
94Kb / 1P
COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA10-14-L PANDUIT-LCA10-14-L Datasheet
91Kb / 1P
COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA6-10H-L PANDUIT-LCA6-10H-L Datasheet
110Kb / 2P
Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA350-78-X PANDUIT-LCA350-78-X Datasheet
110Kb / 2P
Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors
LCD2-14A-Q PANDUIT-LCD2-14A-Q Datasheet
90Kb / 2P
Code Conductor, Two-Hole, Standard Barrel with Window Lug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com