Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT2E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MCT2E
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCT2E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MCT2E Datasheet HTML 1Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 2Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 3Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 4Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 5Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 6Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 7Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 8Page - List of Unclassifed Manufacturers MCT2E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TIL111/TIL117/MCT2/MCT2E
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: TIL111/TIL117/MCT2/MCT2E
Date: February 1, 2011
Page 5 of 14
Version# 1.1
DC Transfer Characteristic
Symbol
Characteristic
Device
Test Condition
Range
Unit
Min
Typ
Max
IC(ON)
Collector current
(Phototransistor Operation)
TIL111
IF = 16mA,
VCE = 0.4V
2
-
-
mA
Collector current
(Photodiode Operation)
IF = 16mA,
VCB = 0.4V
7
-
-
µA
CTR
Current Transfer Ratio
TIL117
VCE = 10V,
IF = 10mA
50
-
-
%
MCT2
MCT2E
VCE = 10V,IF =
10mA
20
-
-
VCE(SAT)
Collector-Emitter Saturation
Voltage
TIL117
IC = 0.5mA,IF =
10mA
0.4
-
-
V
TIL111
MCT2
MCT2E
IC = 2mA,IF =
16mA
0.4
-
-
AC Characteristic
Symbol
Characteristic
Device
Test Condition
Range
Unit
Min
Typ
Max
ton
Turn-on Time
TIL117
VCC = 10V
IC = 2mA,
RL = 100 Ω
-
10
12
µs
toff
Turn-off Time
-
9
12
tr
Rise Time
TIL111
TIL117
-
6
10
tf
Fall Time
-
8
10
ton
Turn-on Time
MCT2
MCT2E
VCC = 10V
IF = 10mA,
RL = 100 Ω
-
3
10
toff
Turn-off Time
-
3
10
tr
Rise Time
-
3
10
tf
Fall Time
-
3
10
Isolation Characteristic
Symbol
Characteristic
Device
Test Condition
Range
Unit
Min
Typ
Max
Viso
Isolation Voltage
TIL111
TIL117
MCT2
MCT2E
AC for 1 minute,
R.H. =
40~60%R.H.
5000
V
rms
RIO
Isolation Resistance
VIO = 500Vdc
10
11
-
-
Ω
CIO
Input-output capacitance
VIO = 0,f = 1MHz
-
-
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com