Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T321008 Datasheet(PDF) 1 Page - E-SWITCH

Part # T321008
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T321008 Datasheet(HTML) 1 Page - E-SWITCH

  T321008 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300DP2J1BLKM2QE
2:1
7/30/2009
T321008
B
BLR
1
1
PC MOUNTING
16.87
[.664 in]
9.27
[.365 in]
11.43
[.450 in]
1
POS.
3
POS.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
(ON)
2-3, 5-6
N/A
2-1, 5-4
CIRCUIT: DPDT
1
2
5
3 4
6
4
5
6
6
3
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2 AMPS @250VAC
5 AMPS @120VAC OR 28VDC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
A
15782
RELEASED FOR PRODUCTION
2/16/06
PH
12.70
[.500 in]
6.60
[.260 in]
E-SWITCH LOGO
ON OTHERSIDE
4.83
[.190 in]
1.27
[.050 in]
4.70
[.185 in]
4.70
[.185 in]
.76
[.030 in]
3.93
[.155 in]
8.89
[.350 in]
7.87
[.310 in]
13.49
[.531 in]
7.59
[.299 in]
n1.85
[.073 in]
4.70
[.185 in]
4.83
[.190 in]
EPOXY SEAL
B
18604
REVISE TERMINAL LENGTH DIMENSION
7/30/09
BLR
B
(ON) = MOMENTARY


Similar Part No. - T321008

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T321002 E-SWITCH-T321002 Datasheet
39Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T321003 E-SWITCH-T321003 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T321004 E-SWITCH-T321004 Datasheet
38Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T321005 E-SWITCH-T321005 Datasheet
38Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T321009 E-SWITCH-T321009 Datasheet
38Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T321008

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com