Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD65 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # PD65
Description  50-65 WATT DC TO DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PD65 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  PD65 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PD65 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower PD65 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50-65 WATT DC TO DC CONVERTERS
DESCRIPTION
The PD65 series of DC/DC converters provide 50 to 65 watts
of continuous output power. Available in three standard input
range of 10-30 VDC, 20-60 VDC and 30-90 VDC, they are
ideal for a variety of applications including telecoms, process
control,
portable
equipment
and
vehicle
mounted
instrumentation. All units are available in compact “open PCB”
or “enclosed” mechanical formats.
FEAT URES
‧ Low cost
‧ Sm all siz e , light w e ight
‧ 100 ﹪ burn-in
‧ O v ervolt age pr ot ect ion
‧ Over curr ent pr otection
‧ Thr ee w i de input ranges:
10-30 VDC, 20-60 VDC and 30-90 VDC
PD65 SERIES
INPUT SPECIFICAT IONS
Input voltage :
10 to 3 0 VD C ( PD65 “ L ” s e ries )
20 to 6 0 VD C ( PD65 “ M ” s e ries )
30 to 9 0 VD C ( PD65 “ H” s e ries )
Input curr ent :
4. 1A ( rm s ) for 24 VDC
2. 1A ( rm s ) for 48 VDC
1. 5A ( rm s ) for 72 VDC
ENVIRONMENTAL SPECIFICAT IONS
Operating tem p eratur e :
0 ℃
to +70 ℃
St orage t e m p erat u r e :
-4 0 ℃
to +85 ℃
Relative hum idity :
5 ﹪ to 95 ﹪ non- condensing
Derating :
Derate f r om 100 ﹪ at +50 ℃
linearly to 50 ﹪ at +70 ℃
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
65 watts maximum
Ripple and noise:
1﹪ peak to peak max.
Overvoltage protection:
set at 112 - 132﹪ of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪ /℃
maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering
to 1﹪ of final value within
500us after a 25﹪ step load
change
GENERAL SPECIFICATIONS
Switching frequency:
32KHz ±5KHz
Efficiency:
70﹪ minimum at full load
Line regulation:
±0.5﹪ maximum at full load
Withstand voltage:
1000VDC from input to output
MTBF:
400,000 hours minimum at full load
at 25℃ ambient, calculated per
MIL-HDBK-217F
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com


Similar Part No. - PD65

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PD65 ASTRODYNE-PD65 Datasheet
327Kb / 4P
65W Dual Output Switching Power Supply
logo
List of Unclassifed Man...
PD65-10 ETC-PD65-10 Datasheet
67Kb / 2P
DC/DC Converters
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
50-65 WATT DC TO DC CONVERTERS
logo
Powerbox
PD65-10 POWERBOX-PD65-10 Datasheet
1Mb / 4P
40-110 WATTS WIDE INPUT
logo
List of Unclassifed Man...
PD65-12 ETC-PD65-12 Datasheet
67Kb / 2P
DC/DC Converters
More results

Similar Description - PD65

ManufacturerPart #DatasheetDescription
logo
Power-One
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
50 Watt DC-DC Converters
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
50 Watt AC-DC Converters
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
1 WATT DC TO DC CONVERTERS
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
50 to 60 Watt Wide input DC/DC converters
logo
Tumbler Technologies + ...
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
50-65 WATT DC TO DC CONVERTERS
logo
Wall Industries,Inc.
DH50 WALL-DH50 Datasheet
2Mb / 11P
50 Watt DC/DC Power Converters
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
50 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com