Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T321082 Datasheet(PDF) 1 Page - E-SWITCH

Part # T321082
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T321082 Datasheet(HTML) 1 Page - E-SWITCH

  T321082 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300DP1J5BLKVS4QE
2:1
1/23/2007
T321082
B
TN
1
1
P.C. MOUNTING
A
14632
RELEASED FOR PRODUCTION
1/20/05
TN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2 AMPS @250VAC
5 AMPS @120VAC OR 28VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
2
13
CIRCUI: DPDT
.76
[.030 in] TYP.
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
56
3
11.68
[.460 in]
6
5
46
11.43
[.450 in]
4.11
[.162 in]
4.70
[.185 in]
6.35
[.250 in]
1.27
[.050 in]
4.70
[.185 in]
7.77
[.306 in]
11.68
[.460 in]
9.19
[.362 in]
25
~
POS. 1
POS. 3
11.43
[.450 in]
4.70
[.185 in]
6.35
[.250 in]
19.05
[.750 in]
4.83
[.190 in]
n1.85
[.073 in] TYP.
EPOXY SEAL
ACTUATOR: BLACK
19.05
[.750 in]
.51
[.020 in]
12.70
[.500 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
B
16909
FIXED P.C. MOUNT DIAGRAM
1/23/07
TN


Similar Part No. - T321082

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T321080 E-SWITCH-T321080 Datasheet
63Kb / 1P
All Dimension In MM
T321081 E-SWITCH-T321081 Datasheet
239Kb / 1P
All Dimension In MM
T321083 E-SWITCH-T321083 Datasheet
127Kb / 1P
All Dimension In MM
T321084 E-SWITCH-T321084 Datasheet
176Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T321082

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com