Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3P6MH Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 3P6MH
Description  Triacs sensitive gate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

3P6MH Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  3P6MH Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbo
l
Typ
Unit
3P4MH
3P6MH
Repetitive peak off-state
voltages
V
DRM
V
RRM
400
600
V
RMS on-state current
I
T(RMS)
4.7
A
Non-repetitive peak
on-state current
I
TSM
65
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
3P4MH 3P6MH
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
—
400
~600
—
V
RMS on-state current
I
T(RMS)
full sine wave; T
mb ≤107
oC
—
4.7
—
A
On-state voltage
V
TM
I
T=10A
—
—
1.6
V
Holding current
I
H
V
DM = 20 V; ITM = 10 A
—
1.0
5.0
mA
Gate trigger current
I
GT
V
D = 6.0 V; RL = 100 Ω
—
—
0.2
mA
Gate trigger voltage
V
GT
V
D = 6.0 V; RL = 100 Ω
—
—
0.8
V
Triacs sensitive gate
Passivated thyristors in a plastic envelope, intended for use in
applications requiring high bidirectional blocking voltage capability
and high thermal cycling performance. Typical applications include
motor control, industrial domestic lighting, heating and staticand
switching.
Product specification
TO-202
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 3P6MH

ManufacturerPart #DatasheetDescription
logo
NEC
3P6MH NEC-3P6MH Datasheet
178Kb / 6P
THYRISTORS
logo
Tiger Electronic Co.,Lt...
3P6MH TGS-3P6MH Datasheet
157Kb / 1P
Triacs sensitive gate
logo
Kersemi Electronic Co.,...
3P6MH KERSEMI-3P6MH Datasheet
922Kb / 4P
Employs flame-retardant epoxy resin UL94V-0
logo
Renesas Technology Corp
3P6MH RENESAS-3P6MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
More results

Similar Description - 3P6MH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com