Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT0147P Datasheet(PDF) 1 Page - E-SWITCH

Part # XT0147P
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XT0147P Datasheet(HTML) 1 Page - E-SWITCH

  XT0147P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
800SP9B7M6REC2BLK
2:1
6/19/2008
XT0147P
B
BLR
1
1
P.C. MOUNTING
4.01
[.158 in]
.41
[.016 in]
.76
[.030 in]
5.08
[.200 in]
3.30
[.130 in]
.51
[.020 in]
A
18141
RELEASED FOR PRODUCTION
6/19/08
BLR
5.08
[.200 in] (2)
5.08
[.200 in] (2)
n1.09
[.043 in]
12
1
5.59
[.220 in]
4.7
[.184 in]
8.13
[.320 in]
800SP9B7M6RE (T811005)
5.08
[.200 in] (2)
800C2BLKCAP (T800200)
n7.45
[.293 in]
.51
[.020 in]
.76
[.030 in]
5.08
[.200 in] (2)
3.50
[.138 in]
RATING
B
20046
UPDATE DRAWING
07/05/11
BMA
1
2
CIRCUIT: SPST
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: COPPER ALLOY W/ GOLD
PLATE OVER NICKEL PLATE
5. RATING: 0.4VA @ 20V AC OR DC MAX.
6. MECHANICAL LIFE: 50,000 MAKE-AND-BREAK CYCLES
7. CONTACT RESISTANCE: 20 mΩ MAX. INITIAL @ 2-4VDC
100mA FOR BOTH GOLD AND SILVER CONTACTS
8. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
9. ELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-3
(ON)=MOMENTARY


Similar Part No. - XT0147P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XT0140P E-SWITCH-XT0140P Datasheet
135Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0144P E-SWITCH-XT0144P Datasheet
124Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0145P E-SWITCH-XT0145P Datasheet
123Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0148P E-SWITCH-XT0148P Datasheet
117Kb / 1P
DIMENSIONS IN MM [INCH]
XT0149P E-SWITCH-XT0149P Datasheet
86Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XT0147P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com