Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPC-300 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMPC-300
Description  300W ATX PC Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMPC-300 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMPC-300 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Medically Approved
300W ATX PC Power Supply
Product # TMPC-300-P4
Features
• ATX Rev. 2.03 Compatible with P4 Connector
• High Efficiency
• Low Ripple & Noise
• Output Overvoltage Protections
• Short Circuit Protection on All Outputs
• Resettable Power Shutdown
• On/Off Switch + Remote On/Off Control
• Approved to UL 2601-1, IEC 601-1, EN 60601-1 Medical Standards
• Complies with FCC Part 15, Subpart J Class B and CISPR 22
• Ball-Bearing Fan + Noise Killer
• 100% Burn-in @50°C
• MTBF > 150,000 Hours @25°C
• 100% Hi-Pot Test
• Input Line Fuse Protection
Input Specifications
Voltage: 90-132 VAC or 180-264 VAC switchable
Frequency: 47Hz to 63 Hz
Input current: 8A max. @115 VAC/60Hz; 4A max. @230 VAC/50Hz
Other Specifications
Temperature range: Operating 0°C~50°C; Non-operating: -20°C~65°C
Temperature coefficient: 0.01%/°C
Transient response: Output voltage returns in less than 1 ms max. following a 25% load change
Hold up time: 16ms minimum at full load & nominal input voltage
Dielectric withstand: 1800 VAC from input to output for 1 sec.; 1800 VAC from input to frame ground for 1 sec.
Humidity: 5~95% RH
Efficiency: 65% min.; 70% typical, at full load
Power good signal: turn-on delay 100 ms to 500 ms
Overload protection: 150% Max.
Inrush current: 60A cold, 80A warm at 132 VAC @ 25°C ambient
Over voltage protections: +5V output: 6.5V; +3.3V output: 4.6V; +12V output: 15.5V
Output Specifications
*Total output on +3.3V & +5V not to exceed 160 watts.
*Total output on +3.3V, +5V and +12V not to exceed 280 watts.
DC Output
Minimum
Normal
*Maximum
Regulation
Ripple & Noise
Voltage
Load
Load
Load
Load
Line
P-P (Max.)
+3.3V
0A
7A
*3/14A
±5%
±1%
50mV P-P
+5V
1.5A
15A
*30/23A
±5%
±1%
50mV P-P
+12V
0.1A
4A
10A
±5%
±1%
120mV P-P
-12V
0A
0.4A
0.8A
±10%
±2%
120mV P-P
-5V
0A
0.15A
0.3A
±10%
±2%
120mV P-P
+5Vsb
0A
1A
2.0A
±5%
±1%
50mV P-P
Tumbler Technologies + TRUMPower
Santa Clara, California, USA • Phone: 408-988-6616 • sales@TRUMPower.com • www.TRUMPower.com
-06/2010-
5.91" X 5.51" X 3.39"
(150 X 140 X 86 mm)
*12V cable/connector for P4 is standard.
*Unit without on/off switch is optional.
*Universal input + PFC model available.


Similar Part No. - TMPC-300

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-300-1U TRUMPOWER-TMPC-300-1U Datasheet
27Kb / 1P
300W PC Power Supply for 1U Installation
TMPC-300-P4 TRUMPOWER-TMPC-300-P4 Datasheet
70Kb / 1P
300W ATX PC Power Supply
TMPC-300UP TRUMPOWER-TMPC-300UP Datasheet
72Kb / 1P
300W ATX PC Power Supply
More results

Similar Description - TMPC-300

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IPC-300A MEANWELL-IPC-300A Datasheet
2Mb / 6P
300W Industrial 1U ATX 12V/P4 PC Power Supply
logo
Tumbler Technologies + ...
TMPC-300-P4 TRUMPOWER-TMPC-300-P4 Datasheet
70Kb / 1P
300W ATX PC Power Supply
TMPC-300UP TRUMPOWER-TMPC-300UP Datasheet
72Kb / 1P
300W ATX PC Power Supply
logo
BOSER Technology Co., L...
MPD-830R BOSER-MPD-830R Datasheet
82Kb / 1P
300W DC-DC ATX Power Supply
logo
Mean Well Enterprises C...
IPC-300A MEANWELL-IPC-300A_10 Datasheet
448Kb / 6P
300W Industrial 1U ATX 12V/P4 PC Power Supply
IPC-300_1108 MEANWELL-IPC-300_1108 Datasheet
456Kb / 6P
300W Industrial 1U ATX 12V/P4 PC Power Supply
logo
Tumbler Technologies + ...
TIPC300B TRUMPOWER-TIPC300B Datasheet
297Kb / 1P
300W PS/2 ATX IPC Power Supply
TIPC300BE TRUMPOWER-TIPC300BE Datasheet
276Kb / 1P
300W PS/2 ATX IPC Power Supply
TIPC300G TRUMPOWER-TIPC300G Datasheet
275Kb / 1P
300W PS/2 ATX IPC Power Supply
logo
Mean Well Enterprises C...
IPC-300 MEANWELL-IPC-300 Datasheet
129Kb / 6P
300W Industrial 1U ATX 12V/P4 PC Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com