Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST4391 Datasheet(PDF) 1 Page - Micross Components

Part # SST4391
Description  Linear Systems replaces discontinued Siliconix SST4391
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SST4391 Datasheet(HTML) 1 Page - Micross Components

  SST4391 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX SST4391 
LOW ON RESISTANCE 
rDS(on) ≤ 30Ω 
LOW GATE OPERATING CURRENT 
ID(off) = 5pA 
FAST SWITCHING 
t(ON) ≤= 15ns 
ABSOLUTE MAXIMUM RATINGS
1 @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +200°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
IG = 50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage /  Gate to Source Voltage ‐35V 
SST4391 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐35 
‐‐ 
‐‐ 
 
V 
IG = ‐1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐4 
‐‐ 
‐10 
VDS = 15V, ID = 10nA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
0.7 
1 
                   IG =  1mA,   VDS = 0V 
VDS(on) 
Drain to Source On Voltage 
‐‐ 
0.25 
‐‐ 
VGS = 0V,   ID = 3mA 
VDS(on) 
Drain to Source On Voltage 
‐‐ 
0.3 
‐‐ 
 
VGS = 0V,   ID = 6mA 
VDS(on) 
Drain to Source On Voltage 
‐‐ 
0.35 
0.4  
VGS = 0V,   ID = 12mA 
IDSS 
Drain to Source Saturation Current
2 
50 
‐‐ 
‐‐ 
mA 
VDS = 20V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
‐5 ‐100  
pA 
VGS = ‐20V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐5 
‐‐ 
VDG = 15V,  ID = 10mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
5 
100 
VDS = 10V,   VGS = ‐10V 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
30 Ω 
VGS = 0V,   ID = 1mA 
SST4391 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
TYP 
MIN 
MAX 
UNITS 
CONDITIONS 
gfs 
Forward Transconductance 
6 
‐‐ 
‐‐ 
mS 
VDS = 20V,  ID = 1mA,  f = 1kHz 
gos 
Output Conductance 
25 
‐‐ 
‐‐ 
µS 
VDS = 20V,  ID = 1mA,  f = 1kHz 
rds(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
30 Ω 
VGS = 0V,  ID = 0A,  f = 1kHz 
Ciss 
Input Capacitance 
13 
‐‐ 
‐‐ 
 
 
pF 
VDS = 20V,   VGS = 0V,  f = 1MHz 
Crss  
Reverse Transfer Capacitance 
3.6 
‐‐ 
‐‐ 
VDS = 0V,   VGS = ‐5V,  f = 1MHz 
Crss 
3.5 
‐‐ 
‐‐ 
VDS = 0V,   VGS = ‐7V,  f = 1MHz 
Crss 
3.1 
‐‐ 
‐‐ 
VDS = 0V,   VGS = ‐12V,  f = 1MHz 
en 
Equivalent Input Noise Voltage 
3 
‐‐ 
‐‐ 
nV/√Hz 
VDS = 10V,  ID = 10mA,  f = 1kHz 
SST4391 SWITCHING ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
TYP 
MIN 
MAX 
UNITS 
CONDITIONS 
td(on)  
Turn On Time 
2 
‐‐ 
‐‐ 
 
 
ns 
 
 
 
VDD = 10V,   VGS(H) = 0V 
tr 
2 
‐‐ 
‐‐ 
td(off)  
Turn Off Time 
6 
‐‐ 
‐‐ 
tf 
13 
‐‐ 
‐‐ 
Notes: 1. Absolute ratings are limiting values above which serviceability may be impaired 
             2. Pulse test: PW ≤ 300µs, Duty Cycle ≤ 3% 
 
SST4391 SWITCHING CIRCUIT PARAMETERS                                                                                                                                         SWITCHING CIRCUIT 
VGS(L) ‐12V  
RL 
800Ω 
 
ID(on) 
12mA  
  
 
  
 
  
 
  
 
  
 
SST4391
Single N-Channel JFET switch
Linear Systems replaces discontinued Siliconix SST4391
The SST4391 features many of the superior
characteristics of JFETs which make it a good choice
for demanding analog switching applications and for
specialized amplifier circuits.
SST4391 Applications:
Analog Switches
Choppers,
Sample-and-Hold
Normally “On” Switches, Current Limiters
SST4391 Benefits:
Low Error Voltage
High-Speed Analog Circuit Performance
Negligible “Off-Error,” Excellent Accuracy
Good Frequency Response, Low Glitches
Eliminates Additional Buffering
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Available Packages:
SST4391 in SOT-23
SST4391 in bare die.
Contact Micross for full package and die dimensions
SOT-23 (Top View)


Similar Part No. - SST4391

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST4391 CALOGIC-SST4391 Datasheet
29Kb / 2P
N-Channel JFET Switch
logo
Linear Integrated Syste...
SST4391 LINEAR-SST4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Vishay Siliconix
SST4391 VISHAY-SST4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
SST4391 VISHAY-SST4391 Datasheet
65Kb / 7P
N-Channel JFETs
04-Jan-01
logo
New Jersey Semi-Conduct...
SST4391 NJSEMI-SST4391 Datasheet
130Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
More results

Similar Description - SST4391

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com