Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6699 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP6699
Description  27V Step Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6699 Datasheet(HTML) 5 Page - Exar Corporation

  SP6699 Datasheet HTML 1Page - Exar Corporation SP6699 Datasheet HTML 2Page - Exar Corporation SP6699 Datasheet HTML 3Page - Exar Corporation SP6699 Datasheet HTML 4Page - Exar Corporation SP6699 Datasheet HTML 5Page - Exar Corporation SP6699 Datasheet HTML 6Page - Exar Corporation SP6699 Datasheet HTML 7Page - Exar Corporation SP6699 Datasheet HTML 8Page - Exar Corporation SP6699 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
S
SP
P6
66
69
99
9
2
27
7V
V S
Stte
ep
p U
Up
p W
Wh
hiitte
e L
LE
ED
D D
Drriiv
ve
err
© 2011 Exar Corporation
5/12
Rev. 2.1.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VIN = 3.6V, EN= VIN, RSET=24kΩ, TA = 25°C, unless otherwise specified - Schematic and BOM from
Application Information section of this datasheet.
Fig. 4: Efficiency vs. Junction Temperature
Fig. 5: Efficiency vs. Input Voltage
Fig. 6: Efficiency vs. Number of LEDs
Fig. 7: Schottky Forward Current
vs Schottky Forward Drop
Fig. 8: Shutdown Quiescent Current
vs Input Voltage
Fig. 9: Supply Current vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com