Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTERNET350SER Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # INTERNET350SER
Description  Internet Office 350VA Ultra-compact Standby 120V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET350SER Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  INTERNET350SER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET350SER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET350SER Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET350SER Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Internet Office 350VA Ultra-compact Standby 120V
UPS with Serial port
MODEL NUMBER: INTERNET350SER
Description
Ultra-compact standby UPS with built-in DB9 serial monitoring port protects PCs, network workstations, and other systems reliant upon a basic
communications interface for UPS monitoring and unattended system shutdown. Maintains AC output during blackouts and brownouts starting at 99V.
Includes DB9 monitoring port with cabling, TEL/DSL line surge suppression, surge only outlets and LED indicators. PowerAlert software available free via
download.
Features
INTERNET350SER standby UPS offers protection from blackouts, brownouts and surges on both AC and dialup modem lines
Provides seamless battery derived AC output during blackouts and severe brownouts so that connected equipment can be shut down without data loss
Built-in DB9 interface port with basic communication monitoring enables automatic system shutdown if power fails while the system runs unattended
PowerAlert software available via free download from http://www.tripplite.com, DB9 cable included
3 battery supported outlets protect computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and
other system accessories not requiring battery support
Attractive stealth black UPS color scheme
Built-in single line phone jacks with line splitter protects peripherals with a standard dialup phone line connection
Built-in audible alarm and front panel LEDs offer continuous status information regarding line and battery power operation
350VA /180 watt power handling ability supports entry-level PC systems for several minutes during power fail conditions
Includes attached 6 ft. AC power cord with space saving right-angle plug, on/off power switch
Compatible with 120V/60 Hz applications in USA, Canada, Mexico and other countries
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
$100,000 Ultimate Lifetime Insurance (USA, Puerto Rico, & Canada only)
Specifications
OUTPUT
Highlights
350VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
3 UPS battery supported outlets,
3 surge-only outlets
DB9 serial port, TEL/DSL
protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
INTERNET350SER UPS system
DB9 Serial Cable
Instruction manual
1 / 4


Similar Part No. - INTERNET350SER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350SER ETC2-INTERNET350SER Datasheet
492Kb / 5P
Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
More results

Similar Description - INTERNET350SER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET350SER ETC2-INTERNET350SER Datasheet
492Kb / 5P
Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
INTERNETOFFICE300 ETC2-INTERNETOFFICE300 Datasheet
509Kb / 5P
Internet Office 300VA Ultra-compact Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550SER TRIPPLITE-INTERNET550SER Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET900TAA TRIPPLITE-INTERNET900TAA Datasheet
524Kb / 4P
TAA Compliant Internet Office 900VA Ultra-compact Standby 120V UPS
INTERNETOFFICE300 TRIPPLITE-INTERNETOFFICE300 Datasheet
506Kb / 4P
Internet Office 300VA Ultra-compact Standby 120V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com