Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTERNET550SER Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # INTERNET550SER
Description  Internet Office 550VA Ultra-compact Standby 120V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET550SER Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  INTERNET550SER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET550SER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET550SER Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET550SER Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
3.1 x 10.9 x 5.7
UPS Power Module Dimensions
(hwd, cm)
7.9 x 27.7 x 14.5
UPS Power Module Weight (lbs.)
6.5
UPS Power Module Weight (kg)
3
UPS Shipping Dimensions (hwd / in.)
4.1 x 8 x 13
UPS Shipping Dimensions (hwd /
cm)
10.4 x 20.3 x 33
Shipping Weight (lbs.)
7
Shipping Weight (kg)
3.2
UPS Housing Material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
10.3
Battery Mode BTU / Hr. (Full Load)
194.3
AC Mode Efficiency Rating (100%
Load)
99%
COMMUNICATIONS
Communications Interface
DB9 Serial
PowerAlert Software
Free download from www.tripplite.com
Communications Cable
DB9 interface cable included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com