Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSB1XS Datasheet(PDF) 2 Page - OptoSupply International

Part # LSB1XS
Description  PRODUCT SPECIFICATION FOR LED Ribbon Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

LSB1XS Datasheet(HTML) 2 Page - OptoSupply International

  LSB1XS Datasheet HTML 1Page - OptoSupply International LSB1XS Datasheet HTML 2Page - OptoSupply International LSB1XS Datasheet HTML 3Page - OptoSupply International LSB1XS Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Intensity / Per LED
(Typ.)
LSB1RS
Red
625±5nm
1120 mcd
LSB1OS
Orange
605±5nm
1120 mcd
LSB1YS
Yellow
590±5nm
1120 mcd
LSB1GS
Green
525±5nm
3000 mcd
LSB1BS
Blue
470±5nm
1560mcd
LSB1WS
White
X=0.27;Y=0.28
7000mcd
LSB1MS
Warm White
X=0.45;Y=0.41
5000mcd
LSB1KS
Pink
X=0.45;Y=0.17
1900mcd
Red
625±5nm
750mcd
Green
525±5nm
1120mcd
LSB1TS
Blue
470±5nm
400mcd
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
14
V
Input Current (DC)
Ii
0.45
A
Power Dissipation
Pa
6.3
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol Min.
Typ.
Max.
Units
LED Module Power
Pm
-
3.6
6.3
w
Input Voltage(DC)
Vi
-
12
14
V
Product Input Current
If
-
0.3
0.45
A
Beam Pattern
BP
-
120
-
Deg
LED Quantity
QTY
-
15
-
PCS
Total Length of Modules (Including Pin)
Lmod.
-
261
-
mm
Net Weight
Wei.
---
25
---
g
Model No.
LSB1XS
REV.
C2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com