Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT788ATA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FZT788ATA
Description  SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT788ATA Datasheet(HTML) 2 Page - Zetex Semiconductors

  FZT788ATA Datasheet HTML 1Page - Zetex Semiconductors FZT788ATA Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
SOT223 PNP SILICON PLANAR MEDIUM
POWER HIGH GAIN TRANSISTOR
ISSUE 3 - OCTOBER 1995
FEATURES
* Low equivalent on-resistance; RCE(sat) 93mΩ at 3A
* Gain of 300 at IC=2 Amps and Very low saturation voltage
APPLICATIONS
* Battery powered circuits
COMPLEMENTAY TYPE – FZT688B
PARTMARKING DETAIL – FZT788B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-15
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-8
A
Continuous Collector Current
IC
-3
A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base Breakdown Voltage V(BR)CBO -15
V
IC=-100µA
Collector-Emitter Breakdown Voltage V(BR)CEO -15
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO -5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-0.1
µ
A
VCB=-10V
Emitter Cut-Off Current
IEBO
-0.1
µ
A
VEB=-4V
Collector-Emitter Saturation
Voltage
VCE(sat)
-0.15
-0.25
-0.45
-0.5
V
V
V
IC=-0.5A, IB=-2.5mA*
IC=-1A, IB=-5mA*
IC=-2A, IB=-10mA*
IC=-3A, IB=-50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.9
V
IC=-1A, IB=-5mA*
Base-Emitter Turn-On Voltage
VBE(on)
-0.75
V
IC=-1A, VCE=-2V*
Static Forward Current Transfer
Ratio
hFE
500
400
300
150
1500
IC=-10mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
IC=-6A, VCE=-2V*
Transition Frequency
fT
100
MHz
IC=-50mA, VCE=-5V
f=50MHz
Input Capacitance
Cibo
225
pF
VEB=-0.5V, f=1MHz
Output Capacitance
Cobo
25
pF
VCB=-10V, f=1MHz
Switching Times
ton
toff
35
400
ns
ns
IC=-500mA, IB1=-50mA
IB2=-50mA, VCC=-10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT788B
C
C
E
3 - 244
-55°C
+25°C
+100°C
+100°C
+25°C
-55°C
0.01
0.1
1
10
0.8
0.6
0
1.6
0.01
0.1
1
10
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
1200
900
600
Tamb=25°C
-55°C
+25°C
+100°C
+175°C
0
0
VCE=2V
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
-55°C
+25°C
+100°C
+175°C
IC/IB=200
IC/IB=10
IC/IB=200
IC/IB=100
1.8
1.4
1.2
1.0
0.4
0.2
IC/IB=200
VCE=2V
0.8
0.6
0
1.6
1.8
1.4
1.2
1.0
0.4
0.2
300
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
0.1
10
FZT788B
3 - 245



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com