Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68030 Datasheet(PDF) 1 Page - FCI connector

Part # 68030
Description  54020-68030LF - PLCC Through Hole Sockets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

68030 Datasheet(HTML) 1 Page - FCI connector

  68030 Datasheet HTML 1Page - FCI connector 68030 Datasheet HTML 2Page - FCI connector 68030 Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
54020-68030LF - PLCC :
Through Hole Sockets
www.fci.com
Specifications
General
Location Peg
No
Number of contacts
68
Product Style
PLCC
Electrical
Current rating
1 amp
Resistance (Contact)
20 m ohms max.
Resistance (Insulation)
1000 M ohms min.
Voltage rating
250V AC max.
Mechanical
Durability (Mating cycles)
25 Cycles
Insertion force
26 lbs max.
Withdrawal Force
4 lbs min.
Mounting
Mounting style
Through Hole
Physical
Color (Housing)
Brown
Material (Contact)
Copper Alloy
Material (Housing)
PPS, UL94V-0
Plating (Inner clip / Contact)
100µ" min. Pure Tin
Underplating (Contact)
50µ" min. Nickel
Temperature (Range)
-40°C to 105°C
Approvals / Certifications
Approvals / Certifications
UL and CSA Pending
Other Features
Packaging (Type)
Tube


Similar Part No. - 68030

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
6803 GILWAY-6803 Datasheet
33Kb / 1P
T- Subminiature Lamps
logo
Filtronic Compound Semi...
6803 FILTRONIC-6803 Datasheet
148Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
Pomona Electronics
6803 POMONA-6803 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
API Technologies Corp
6803 APITECH-6803 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
FCI connector
68031-XYY FCI-CONNECTOR-68031-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
More results

Similar Description - 68030

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLCC68AT ADAM-TECH-PLCC68AT Datasheet
120Kb / 1P
PLCC SOCKETS
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
PLCC SOCKETS
PLCC-32-AT-SMT ADAM-TECH-PLCC-32-AT-SMT Datasheet
114Kb / 1P
PLCC SOCKETS
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
IC SOCKETS PLCC
logo
CAMBION Electronic Comp...
709-2000 CAMBION-709-2000 Datasheet
34Kb / 2P
PLCC sockets, through hole
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
IC SOCKETS PLCC
logo
Samtec, Inc
SLM-106-01-L-S SAMTEC-SLM-106-01-L-S Datasheet
759Kb / 1P
THROUGH-HOLE MICRO SOCKETS
logo
Precid-Dip Durtal SA
510-83-257-19-081101 PREDIP-510-83-257-19-081101 Datasheet
23Kb / 4P
PGA / BGA / PLCC SOCKETS
540-88-032-17-400 PREDIP-540-88-032-17-400 Datasheet
23Kb / 5P
PGA / BGA / PLCC SOCKETS
logo
Kycon, Inc.
PX-20LCC KYCON-PX-20LCC Datasheet
1Mb / 1P
Through Hole PLCC Socket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com