Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPS2252 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPS2252
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2252 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPS2252 Datasheet HTML 1Page - STMicroelectronics STMPS2252 Datasheet HTML 2Page - STMicroelectronics STMPS2252 Datasheet HTML 3Page - STMicroelectronics STMPS2252 Datasheet HTML 4Page - STMicroelectronics STMPS2252 Datasheet HTML 5Page - STMicroelectronics STMPS2252 Datasheet HTML 6Page - STMicroelectronics STMPS2252 Datasheet HTML 7Page - STMicroelectronics STMPS2252 Datasheet HTML 8Page - STMicroelectronics STMPS2252 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
January 2011
Doc ID 15050 Rev 3
1/42
42
STMPS2242, STMPS2252
STMPS2262, STMPS2272
Enhanced dual-channel power switches
Features
100 m
Ω high-side MOSFET switch
500 mA/1000 mA continuous current per
channel
Thermal protection
Independent short-circuit protection with
overcurrent logic output
Operating range from 2.7 V to 5.5 V
CMOS and TTL compatible inputs
2.5 ms typical rise time
Undervoltage lockout
13 µA maximum standby supply current
Ambient temperature range: -40 °C to 85 °C
8 kV ESD protection
Reverse current protection
Fault blanking
Description
The STMPS2242/2252/2262/2272 power
distribution switches are intended for applications
where heavy capacitive loads and short-circuits
are likely to be encountered. These devices
incorporate 100 m
Ω MOSFET high-side power
switches for power distribution systems that
require multiple power switches in a single
package.
Each switch is controlled by an independent logic
enable input. When the output load exceeds the
current limit threshold or a short is present, these
devices limit the output current to a safe level by
switching into a constant current mode, pulling the
overcurrent (OCx) logic output low. When
continuous heavy overloads and short-circuits
increase the power dissipation in the switch,
causing the junction temperature to rise, a
thermal protection circuit shuts off the switch to
prevent damage. Recovery from a thermal
shutdown is automatic once the device has
cooled sufficiently. Internal circuitry ensures the
switch remains off until valid input voltage is
present.
SO-8
MSOP8
Table 1.
Device summary
Order code
Current limit
(mA)
Enable
Packing
SO-8
MSOP8(1)
STMPS2242MTR
STMPS2242TTR
500
Active low
Tape and reel
STMPS2252MTR
STMPS2252TTR
500
Active high
Tape and reel
STMPS2262MTR
STMPS2262TTR
1000
Active low
Tape and reel
STMPS2272MTR
STMPS2272TTR
1000
Active high
Tape and reel
1.
MSOP8 is also known as TSSOP8.
www.st.com


Similar Part No. - STMPS2252

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2262 STMICROELECTRONICS-STMPS2262 Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
STMPS2262MTR STMICROELECTRONICS-STMPS2262MTR Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
STMPS2272 STMICROELECTRONICS-STMPS2272 Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
STMPS2272MTR STMICROELECTRONICS-STMPS2272MTR Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
More results

Similar Description - STMPS2252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2042 TI-TPS2042 Datasheet
430Kb / 24P
DUAL POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141 Datasheet
1Mb / 30P
Enhanced single channel power switches
24-Jan-2008
logo
Texas Instruments
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141_09 Datasheet
1Mb / 34P
Enhanced single channel power switches
17-Jul-2009
logo
Maxim Integrated Produc...
MAX14984 MAXIM-MAX14984 Datasheet
1Mb / 12P
Enhanced VGA Port Protector with Monitor Detection and Dual USB Power Switches
Rev 0; 3/12
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
Dual Channel Precision Adjustable Current-Limited Power Switches
logo
NXP Semiconductors
BYV410-600 PHILIPS-BYV410-600_15 Datasheet
196Kb / 11P
Dual enhanced ultrafast power diode
Rev. 2-5 August 2011
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
Dual Channel, Current-Limited, Power-Distribution Switches
logo
WeEn Semiconductors
BYV410X-600 WEEN-BYV410X-600 Datasheet
1Mb / 11P
Dual enhanced ultrafast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com