Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPDL06 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCPDL06
Description  6 Watt DC/DC Power Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL06 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCPDL06 Datasheet HTML 1Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 2Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 3Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 4Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 5Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 6Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wall Industries, Inc.
Rev C
DCPDL06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS: DCPDL06 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
5VDC nominal input models
4.5
5
9
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
5VDC nominal input models
15
12VDC nominal input models
36
24VDC nominal input models
50
Input Surge Voltage (1 sec)
48VDC nominal input models
100
VDC
Input Current
No Load
See Table
Input Reflected Ripple Current (See Note 1)
30
mAp-p
Input Filter
Capacitor type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load an nominal Vin
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Single Output Models
-1.0
+1.0
Load Regulation
No load to full load
Dual Output Models
-1.0
+1.0
%
Cross Regulation (Dual Output Models)
Asymmetrical load 25% / 100% FL
-5
+5
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise
20MHz Bandwidth
50
75
mVp-p
Transient Response Recovery Time
25% load step change
500
μs
Power Up
30
Start-Up Time
Remote On/Off
Nominal input and constant resistive load
30
ms
Temperature Coefficient
-0.02
+0.02
%/°C
REMOTE ON/OFF
DC/DC ON
Open or high impedance
Positive Logic
DC/DC OFF
Referenced to -INPUT pin and CTRL pin applied current
(See Application Circuits on page 4)
2
3
4
mA
DC/DC ON
2
3
4
mA
Negative Logic
DC/DC OFF
Referenced to -INPUT pin and CTRL pin applied current
(See Application Circuits on page 4)
Open or high impedance
Remote Off Input Current
2.5
mA
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Input Under Voltage Protection
yes
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
Full load to minimum load
100
KHz
Standard models
1600
Suffix “M” models
1600
Input to Output
Suffix “H” models (only available with plastic case)
3000
VDC
Input to Case
Suffix “M” models
1000
VDC
Isolation Voltage (1 min)
Output to Case
Suffix “M” models
1000
VDC
Isolation Resistance
500VDC
1
GΩ
Standard models
50
Suffix “M” models
50
Isolation Capacitance
Suffix “H” models (only available with plastic case)
50
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com