Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JF
Description  15W Open Frame DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JF Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JF Datasheet HTML 1Page - Wall Industries,Inc. JF Datasheet HTML 2Page - Wall Industries,Inc. JF Datasheet HTML 3Page - Wall Industries,Inc. JF Datasheet HTML 4Page - Wall Industries,Inc. JF Datasheet HTML 5Page - Wall Industries,Inc. JF Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 6
DATASHEET
Rev. C
JF SERIES
2:1 Wide Input Voltage Ranges
DIP and SMT Type Packages
Single Outputs, RoHS Compliant
15W Open Frame DC/DC Power Converters
APPLICATIONS
 Wireless Networks
 Telecom / Datacom
 Industry Control Systems
 Measurement Equipment
 Semiconductor Equipment
OPTIONS
 SMT Type
 Without Trim Pin
 Without ON/OFF Pin
 Negative Logic Remote ON/OFF
FEATURES
 15 Watts Maximum Output Power
 Single Outputs
 Cost Efficient Open Frame Design
 Small Size and Low Profile: 1.10” x 0.94” x 0.34”
 High Efficiency up to 88%
 2:1 Wide Input Voltage Ranges: 18-36VDC and 36-75VDC
 Fixed Switching Frequency
 Input to Output Isolation: 2250VDC
 No Minimum Load Requirement
 Output Voltage Adjustability
 Industry Standard Pin-out
 Negative or Positive Remote ON/OFF Control
 Short Circuit, Over Current, Over Voltage, and Input Under Voltage
Protection
 SMT Package Qualified for Lead-free Reflow Solder Process
According to IPC J-STD-020D
 CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108/EC
 Compliant to RoHS EU Directive 2002/95/EC
 UL60950-1, EN60950-1, and IEC60950-1 Licensed
 Surface Mount and Through Hole Types Available
DESCRIPTION
The JF series of DC/DC power converters provides 15 Watts of output power in a low profile industry standard package and footprint.
These converters have single outputs and operate over 2:1 input voltage ranges of 18-36VDC and 36-75VDC. These units are also
protected against short circuit, over current, over voltage, and input under voltage conditions. Some features include high efficiency up
to 88%, adjustable output voltage, and positive or negative remote ON/OFF control. These converters are RoHS compliant and have
UL60950-1, EN60950-1, and IEC60950-1 safety approvals. Both surface mount (“S” suffix) and DIP (standard) packages are available.


Similar Description - JF

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXN15 ARTESYN-SXN15 Datasheet
116Kb / 2P
10.8-15W High Efficiency DC/DC Converters
SXA15 ARTESYN-SXA15 Datasheet
117Kb / 2P
10.8-15W High Efficiency DC/DC Converters
logo
BOSER Technology Co., L...
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
120W DC-DC Open Frame Power Supply
logo
RSG Electronic Componen...
EC1SB-24S33 RSG-EC1SB-24S33 Datasheet
275Kb / 1P
13.2 -15 WATT OPEN FRAME DC-DC CONVERTERS
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
15W SINGLE OUTPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
JFW WALL-JFW Datasheet
486Kb / 6P
15W Open Frame DC/DC Power Converters
LTW WALL-LTW Datasheet
121Kb / 4P
15W DC/DC Power Converters
logo
Astrodyne Corporation
LED15W ASTRODYNE-LED15W Datasheet
595Kb / 4P
Isolated and Regulated 15 Watt Open Frame DC/DC Converters
logo
Wall Industries,Inc.
JFW WALL-JFW_18 Datasheet
331Kb / 5P
Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
Isolated 15W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com