Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16DPPS05TTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STP16DPPS05TTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05TTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STP16DPPS05TTR Datasheet HTML 15Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 16Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 17Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 18Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 19Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 20Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 21Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 22Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DocID15817 Rev 3
19/35
STP16DPPS05
Error detection mode functionality
35
7.2
Phase two: error detection
The 16 data bits must be set to “1” in order for all the outputs to be ON during error
detection. The data are latched by LE/DM1, after which the outputs are ready for the
detection process. When the microcontroller switches the OE/DM2 to LOW, the device
drives the LEDs to analyze if an OPEN or SHORT condition has occurred.
The status of the LEDs is detected in at least 1 microsecond, and after this period the
microcontroller sets OE/DM2 to HIGH state and the output data detection result is sent to
the microcontroller via SDO.
Error detection mode and normal mode both use the same data format. As soon as all the
detection data bits are available on the serial line, the device may return to normal mode of
operation. To re-detect the status, the device must first return to normal mode and reenter
error detection mode.
Figure 19. Detection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com