Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16DPPS05XTTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STP16DPPS05XTTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05XTTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STP16DPPS05XTTR Datasheet HTML 12Page - STMicroelectronics STP16DPPS05XTTR Datasheet HTML 13Page - STMicroelectronics STP16DPPS05XTTR Datasheet HTML 14Page - STMicroelectronics STP16DPPS05XTTR Datasheet HTML 15Page - STMicroelectronics STP16DPPS05XTTR Datasheet HTML 16Page - STMicroelectronics STP16DPPS05XTTR Datasheet HTML 17Page - STMicroelectronics STP16DPPS05XTTR Datasheet HTML 18Page - STMicroelectronics STP16DPPS05XTTR Datasheet HTML 19Page - STMicroelectronics STP16DPPS05XTTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Typical characteristics
STP16DPPS05
16/35
DocID15817 Rev 3
TA = 25 °C, Vdd = 3.3 V; 5 V
Figure 13. Output current vs. ±
ΔIOL(%)
Figure 14. Idd ON/OFF
0
1
2
3
4
5
6
7
8
9
10
11
12
0
5
10
15
20
25
30
35
40
45
50
55
60
65
Iset (mA)
AVG IDD ON @ 5.0V
AVG IDD ON @ 3.3V
AVG IDD OFF @ 5.0V
AVG IDD OFF @ 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com